Electronic Components Datasheet Search
  English  ▼

X  

TAS5731M Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731M
Description  2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731M Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5731M Datasheet HTML 12Page - Texas Instruments TAS5731M Datasheet HTML 13Page - Texas Instruments TAS5731M Datasheet HTML 14Page - Texas Instruments TAS5731M Datasheet HTML 15Page - Texas Instruments TAS5731M Datasheet HTML 16Page - Texas Instruments TAS5731M Datasheet HTML 17Page - Texas Instruments TAS5731M Datasheet HTML 18Page - Texas Instruments TAS5731M Datasheet HTML 19Page - Texas Instruments TAS5731M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C027
2.1 SE Mode
P
O = 1W
PV
DD = 24V
R
L = 2î8+8Ÿ
T
A = 25ƒC
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C026
2.1 SE Mode
P
O = 1W
PV
DD = 12V
R
L = 2î4+4Ÿ
T
A = 25ƒC
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
C024
2.1 SE Mode
R
L = 2î4+8Ÿ
T
A = 25ƒC
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
20
200
2k
20k
Frequency (Hz)
Right-to-Left
Left-to-Right
C025
2.1 SE Mode
P
O = 1W
PV
DD = 12V
R
L = 2î8+8Ÿ
T
A = 25ƒC
TAS5731M
SLOS838B – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS, 2.1 SE CONFIGURATION, 4
Ω (continued)
EFFICIENCY
CROSSTALK
vs
vs
TOTAL OUTPUT POWER (2.1 SE MODE)
FREQUENCY (2.1 SE MODE)
Figure 16.
Figure 17.
CROSSTALK
CROSSTALK
vs
vs
FREQUENCY (2.1 SE MODE)
FREQUENCY (2.1 SE MODE)
Figure 18.
Figure 19.
16
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com