Electronic Components Datasheet Search
  English  ▼

X  

TDA2 Datasheet(PDF) 1 Page - Texas Instruments

Part # TDA2
Description  ADAS Applications Processor TDA2x System-on-Chip Technical Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2 Datasheet(HTML) 1 Page - Texas Instruments

  TDA2 Datasheet HTML 1Page - Texas Instruments TDA2 Datasheet HTML 2Page - Texas Instruments TDA2 Datasheet HTML 3Page - Texas Instruments TDA2 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TDA2
www.ti.com
SPRT680 – OCTOBER 2013
ADAS Applications Processor
TDA2x System-on-Chip Technical Brief
1
Advanced Driver Assistance System (ADAS) TDA2x System-on-Chip
1.1
Features
1
– Interrupt Controller Supporting 64 Input
• Architecture Designed for ADAS Applications
Events
– Best-in-Class CPU Performance
• General-Purpose Memory Controller (GPMC)
– State-of-the-Art Integrated Power
• Enhanced Direct Memory Access (EDMA)
Management
Controller
– Video, Image, and Graphics Processing
• 3-Port Gigabit Ethernet (GMAC)
Support
– Up to Two External Ports, One Internal
•
Streaming Full-HD Video (1920x1080p, 60
fps)
• Dual Controller Area Network (DCAN) Modules
•
Multiple Video Input and Video Output
– CAN 2.0B Protocol
•
2D and 3D Graphics
• PCI Express 2.0 Port with Integrated PHY
• ARM® Dual Cortex™-A15 Microprocessor
– Single Port With 1 Lane at 5.0 Gbps
Subsystem
• Sixteen 32-Bit General-Purpose Timers
• C66x™ Floating-Point VLIW DSP
• 32-Bit MPU Watchdog Timer
– Fully Object-Code Compatible with C67x™
• Ten Configurable UART/IrDA/CIR Modules
and C64x+™
• Four Multichannel Serial Peripheral Interfaces
– Up to Thirty-two 16 x 16-bit Fixed-point
(MCSPIs)
Multiplies per Cycle
• Five Inter-Integrated Circuit (I2C) Ports
• Up to 2.5 MiB of On-Chip L3 RAM
• Multichannel Audio Serial Port (MCASP)
• 768-Bit Interface to Internal RAM
• Up to 256 General-Purpose I/O (GPIO) Pins
• Level 3 (L3) and Level 4 (L4) Interconnects
• Power, Reset, and Clock Management
• Two DDR2/DDR3 Memory Interface (EMIF)
– SmartReflex™ Class-1 Technology
Modules
– Multiple Independent Core Power Domains
– Supports up to DDR2-667 and DDR3-667
– Multiple Independent Core Voltage Domains
– Up to 2-GiB Supported per EMIF
– Clock Management (CM) Allows Reduction
• ARM Cortex™-M4 Image Processor (IPU)
of Dynamic Consumption
– Two Dual-core, 200 MHz per Core
• On-Chip Debug with CTools Technology
• Vision AccelerationPac
• Automotive AEC-Q100 Qualified
– Up to Four Embedded Vision Engines (EVEs)
• 28-nm CMOS Technology
• IVA-HD Subsystem
• The ADAS Vision28 Will Be Offered with Two
• Display Subsystem
Package Options:
– Display Controller with DMA Engine and Up
– 23-mm Package (ABC Suffix)
to Three Pipelines
•
Ball Grid Array (BGA)
– HDMI Encoder: HDMI 1.4a, HDCP 1.4, and
•
0.8-mm Ball Pitch with Via Channel Array
DVI 1.0 Compliant
(VCA)
• 2D-Graphics Accelerator (BB2D) Subsystem
•
Partial Grid
– Vivante™ GC320 Core
•
760 Device Pins
• Video Processing Engine (VPE)
– 17-mm Package (AAS Suffix)
• Available Dual-Core PowerVR® SGX544™ 3D
•
BGA
GPU
•
0.65-mm Ball Pitch with Microvia
• Up to 3 Video Input Port (VIP) Module Instances
•
Full Grid
– Support for Up to 10 Multiplexed Input Ports
•
625 Device Pins
• Available Programmable Real-time Unit (PRU)
Subsystem
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative or design phase of
Copyright © 2013, Texas Instruments Incorporated
development. Characteristic data and other specifications are design goals. Texas
Instruments reserves the right to change or discontinue these products without notice.


Similar Part No. - TDA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AH FAIRCHILD-TDA2002AH Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002AV FAIRCHILD-TDA2002AV Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
TDA2002H FAIRCHILD-TDA2002H Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
More results

Similar Description - TDA2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
Integrated Portable System Processor Product Brief
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
System-on-Chip Platform OS Processor
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
Integrated Portable System Processor Product Brief
logo
Texas Instruments
DRA718 TI1-DRA718 Datasheet
62Kb / 3P
Automotive Applications Processors Technical Brief
DRA726 TI1-DRA726 Datasheet
65Kb / 3P
Automotive Applications Processors Technical Brief
TDA3 TI1-TDA3 Datasheet
93Kb / 6P
TDA3x SoC Processors for Advanced Driver Assist Systems (ADAS) Technical Brief
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
logo
List of Unclassifed Man...
MT6261D ETC2-MT6261D Datasheet
2Mb / 85P
MT6261D GSM GPRS SOC Processor Technical Brief
logo
Texas Instruments
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
System on Chip (SoC) Network Processor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com