Electronic Components Datasheet Search
  English  ▼

X  

3718 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3718
Description  LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3718 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3718 Datasheet HTML 1Page - Allegro MicroSystems 3718 Datasheet HTML 2Page - Allegro MicroSystems 3718 Datasheet HTML 3Page - Allegro MicroSystems 3718 Datasheet HTML 4Page - Allegro MicroSystems 3718 Datasheet HTML 5Page - Allegro MicroSystems 3718 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3718
LOW-VOLTAGE AUDIO POWER AMPLIFIER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VCC
1.8
3.0
9.0
V
Quiescent Supply Current
ICC
VCC = 3.0 V
—
6.0
10
mA
VCC = 6.0 V
—
9.0
15
mA
VCC = 9.0 V
—
12
20
mA
Voltage Gain
AV
36
40
44
dB
Audio Power Output
POUT
RL = 8
Ω, V
CC = 3.0 V, THD = 10%
—
80
—
mW
RL = 8
Ω, V
CC = 6.0 V, THD = 10%
250
430
—
mW
RL = 32
Ω, V
CC = 3.0 V, THD = 10%
15
25
—
mW
RL = 32
Ω, V
CC = 6.0 V, THD = 10%
—
125
—
mW
Distortion
THD
POUT = 10 mW
—
0.3
1.0
%
POUT = 1.0 mW, VCC = 1.8 V
—
1.5
3.0
%
Output Noise
Vout
Input Shorted, BW = 80 kHz
—
200
500
µV
Input Resistance
RIN
Pin 8
—
250
—
k
Ω
Power Supply Rejection
PSRR
CD (Pin 1) = 500
µF, f = 120 Hz
—
28
—
dB
ELECTRICAL CHARACTERISTICS at TA = +25°C, VCC = 3 V, RL = 32Ω, fin = 400 Hz
(unless otherwise noted).
TEST CIRCUIT AND TYPICAL
APPLICATION
50
75
100
125
150
0.5
0
TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GP-009-1B
R
= 55
°C/W
θJC
FREE AIR, R
= 80
°C/W
θJA
W
Copyright © 1985, 1995, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com