Electronic Components Datasheet Search
  English  ▼

X  

3848 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3848
Description  DUAL-CONVERSION AM RECEIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3848 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3848 Datasheet HTML 1Page - Allegro MicroSystems 3848 Datasheet HTML 2Page - Allegro MicroSystems 3848 Datasheet HTML 3Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3848
DUAL-CONVERSION AM RECEIVER
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
MIX 2 E
B
13
8
9
10
24
25
26
STOP
MIX 1 IN
CRYSTAL
AGC RATE 2
MIX 2 OUT
DET
WB
AGC
MIX 1 OUTA
MIX 1 OUTB
Dwg. PS-012-1
VREF
VCC
AFC OUT
IF
AGC (MUTE)
VREG
REGULATOR
6
7
27
28
MIX 2 OUT
FSI
5
29
B
A
11
22
23
WB AGC 1 IN
MIX 2 E
B
21
RESET
MIX 2
BYPASS
12
SUB
3848
Dwg. No. PS-012-1
DUAL-CONVERSION AM RECEIVER
Providing the AM signal processing functions for an electronically
tuned AM receiver (ETR), the A3848EEQ includes two balanced
mixers, a crystal local oscillator, an L/C-tuned local oscillator, oscillator
buffer, IF amplifier, AM detector, scan control detectors, and a switch-
able voltage regulator. This dual-conversion device typically mixes the
incoming RF up to a first IF of 10.7 MHz, then down to 450 kHz, and
then detects the audio. The addition of a JFET matched to a whip
antenna, RF low-pass filter, IF selectivity, and audio stages gives a
complete AM radio which can be used in automotive receivers. The
frequency-detecting stop circuit is also capable of recovering narrow-
band FM, making it useful for scanners or weather band radio applica-
tions. Two AGC and field-strength indicator modes provide special
features for scanning.
The A3848EEQ uses the dual criteria of frequency and amplitude
for establishing a valid stop. Tuning accuracy (frequency criterion) is
established by evaluating phase shift across the detector coil. The
circuitry is similar to that used in FM discriminators. Because this
detection system is phase operated, it remains effective even in the
presence of strong signals, which can cause false stops in systems
using narrow-band filters. The amplitude criterion for stop is deter-
mined by evaluating the IF level. It includes a unique circuit that
removes the effect of the AGC action. This allows the AGC tuning
components to be selected for low-frequency audio performance
without compromising scanning speed.
In the normal AGC mode (AGC RESET low), a slow, narrow-band
field-strength indicator (FSI) is provided for controlling signal-depen-
dent functions such as stereo blending. A fast AGC mode (AGC
RESET high) resets the AGC holding capacitors to maximum gain.
This mode allows cataloging station strengths quickly during a band
sweep.
This AM signal processor is packaged in a rectangular, 32-lead,
plastic, leaded chip carrier (PLCC) for surface-mount applications and
is rated for operation over the temperature range of -40
°C to +105°C
are available on special order.
FEATURES
s Low Noise Figure
s Field-Strength Indicator
s Balanced Mixers
s Buffered Oscillator
s High Dynamic Range First Mixer s Fast Scan Mode
Always order by complete part number: A3848EEQ .
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC . . . . . . . . . . . . . . 12 V
Package Power Dissipation, PD . . . . 1.2 W
Operating Temperature Range,
TA . . . . . . . . . . . . . . . -40°C to +105°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -65°C to +150°C


Similar Part No. - 3848

ManufacturerPart #DatasheetDescription
logo
Heyco.
3848 HEYCO-3848 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
Adafruit Industries
3848 ADAFRUIT-3848 Datasheet
2Mb / 3P
5V 1.8A Isolated Output PoE Module Works with Raspberry Pi 3 B
logo
ERNI Electronics
384803 ERNI-384803 Datasheet
59Kb / 1P
1,27 SRC P, 6-polig
384804 ERNI-384804 Datasheet
64Kb / 1P
1,27 SRC P, 6-polig
384840 ERNI-384840 Datasheet
57Kb / 1P
1,27 SRC P, 2-polig
More results

Similar Description - 3848

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
AM receiver
May 1992
logo
Siemens Semiconductor G...
TDA4360X SIEMENS-TDA4360X Datasheet
919Kb / 12P
Dual Conversion AM Receiver
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
AM - RECEIVER
logo
Micro Analog systems
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
Low Power Dual Conversion FM Receiver
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Micro Analog systems
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
logo
Motorola, Inc
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
LOW?밣OWER DUAL CONVERSION FM RECEIVER
MC13030 MOTOROLA-MC13030 Datasheet
389Kb / 16P
DUAL CONVERSION AM RECEIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com