Electronic Components Datasheet Search
  English  ▼

X  

5140 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5140
Description  SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5140 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5140 Datasheet HTML 1Page - Allegro MicroSystems 5140 Datasheet HTML 2Page - Allegro MicroSystems 5140 Datasheet HTML 3Page - Allegro MicroSystems 5140 Datasheet HTML 4Page - Allegro MicroSystems 5140 Datasheet HTML 5Page - Allegro MicroSystems 5140 Datasheet HTML 6Page - Allegro MicroSystems 5140 Datasheet HTML 7Page - Allegro MicroSystems 5140 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3141 THRU 3144
SENSITIVE
HALL-EFFECT SWITCHES
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
SUPPLY CURRENT
SUPPLY CURRENT
10
15
20
25
SUPPLY VOLTAGE IN VOLTS
0
Dwg. GH-041-1
5
0
2.0
4.0
6.0
8.0
10
B
≥ B
OP
B
≤ B
RP
T
= +25
°C
A
0
25
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-039-1
125
-25
V
= 8 V
CC
7.0
6.0
5.0
4.0
150
B
≤ B
RP
B
≥ B
OP
TYPICAL OPERATING CHARACTERISTICS
A3142– SWITCH POINTS
OUTPUT SATURATION VOLTAGE
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°°°°C
200
100
-50
Dwg. GH-040-1
150
-25
125
I
= 20 mA
V
= 4.5–24 V
OUT
CC
0
50
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-044
300
400
200
100
OPERATE POINT
RELEASE POINT
V
= 8 V
CC
150
0
-25
25
75
125
* Complete part number includes a suffix denoting operating temperature range (E- or L-) and package type ( -LT, -U, or -UA).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com