Electronic Components Datasheet Search
  English  ▼

X  

3953 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3953
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3953 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3953 Datasheet HTML 1Page - Allegro MicroSystems 3953 Datasheet HTML 2Page - Allegro MicroSystems 3953 Datasheet HTML 3Page - Allegro MicroSystems 3953 Datasheet HTML 4Page - Allegro MicroSystems 3953 Datasheet HTML 5Page - Allegro MicroSystems 3953 Datasheet HTML 6Page - Allegro MicroSystems 3953 Datasheet HTML 7Page - Allegro MicroSystems 3953 Datasheet HTML 8Page - Allegro MicroSystems 3953 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3953
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
PWM RC Fixed Off-time
tOFF RC
CT = 680 pF, RT= 30 k
Ω, VCC = 3.3 V
18.3
20.4
22.5
µs
PWM Turn-Off Time
tPWM(OFF)
Comparator Trip to Source Off,
—
1.0
1.5
µs
IOUT = 25 mA
Comparator Trip to Source Off,
—
1.8
2.6
µs
IOUT = 1.3 A
PWM Turn-On Time
tPWM(ON)
IRC Charge On to Source On,
—
0.4
0.7
µs
IOUT = 25 mA
IRC Charge On to Source On,
—
0.55
0.85
µs
IOUT = 1.3 A
PWM Minimum On Time
tON(min)
VCC = 3.3 V, RT
≥ 12 kΩ, CT = 680 pF
0.8
1.4
1.9
µs
VCC = 5.0 V, RT
≥ 12 kΩ, CT = 470 pF
0.8
1.6
2.0
µs
Propagation Delay Times
tpd
IOUT =
±1.3 A, 50% to 90%:
ENABLE On to Source On
—
1.0
—
µs
ENABLE Off to Source Off
—
1.0
—
µs
ENABLE On to Sink On
—
1.0
—
µs
ENABLE Off to Sink Off (MODE = L)
—
0.8
—
µs
PHASE Change to Sink On
—
2.4
—
µs
PHASE Change to Sink Off
—
0.8
—
µs
PHASE Change to Source On
—
2.0
—
µs
PHASE Change to Source Off
—
1.7
—
µs
Crossover Dead Time
tCODT
1 k
Ω Load to 25 V, VBB = 50 V
0.3
1.5
3.0
µs
Maximum PWM Frequency
fPWM(max)
IOUT = 1.3 A
70
——
kHz
ELECTRICAL CHARACTERISTICS at TJ = 25˚C, VBB = 5 V to 50 V, VCC = 3.0 V to 5.5 V
(unless otherwise noted.)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
AC Timing
Continued next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com