Electronic Components Datasheet Search
  English  ▼

X  

M411AX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M411AX
Description  M 411ax platinum temperature sensors have axial leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M411AX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M411AX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Name of document: 30910018 Index B
Status: 07/2011
Platinum temperature sensor in thin-film technology
M 411 ax
M 411ax platinum temperature sensors have axial leads. They are characterized by their small design, short contact times,
long-term stability and excellent precision over a wide temperature range and compatibility. They are typically used in the
automotive, white goods, HVAC and energy generation industries as well as in medical and industrial appliances and
machinery.
The measuring point for the nominal resistance is defined at 8/13 mm from the end of the sensor
body.
Specification
DIN EN 60751
Temperature range
-70°C to +500°C (continuous operation)
(temporary use to 550°C possible)
Tolerance Class B: -70°C to +500°C
Temperature coefficient
TCR = 3850 ppm/K
Leads
Pt clad Ni- wire
Lead lengths (L)
L1: 15mm ±1mm
L2: 10mm ±1mm
Vibration resistance
At least 40g acceleration at 10 to 2000 Hz,
depends on installation
Shock resistance
At least 100g acceleration with 8ms
half sine wave, depends on installation
Ambient conditions
Use unprotected only in dry environments
Insulation resistance
> 100 MΩ at 20°C; > 2 MΩ at 500°C
Self heating
0.4 K/mW at 0°C
Contact time
Water current (v= 0.4m/s):
t0.5 = 0.06s
t0.9 = 0.17s
Air flow (v= 2m/s):
t0.5 = 3.0s
t0.9 = 10.0s
Measuring current
100Ω: 0.3 to 1.0mA
(self heating has to be considered)
Note
Other tolerances, values of resistance and
wire lengths are available on request.
Nominal
Resistance R0
Toler ance
DIN EN 60751
1996-07
Tolerance
DI N EN 60751
2009-05
Or der Number
Plastic Box
100 Ohm at 0°C
Class B
F 0.3
32 208 209
We reserve the right to make alterations and technical data printed. All technical data serves as a guideline and does not guarantee
particular properties to any products.
1901 Route 130
North Brunswick, NJ 08902
Phone 732-940-4400
Fax 732-940-4445
Email info.hst-us@heraeus.com
http://heraeus-sensor-technology-us.com
Heraeus Sensor Technology USA


Similar Part No. - M411AX

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
M411.010A03C IVO-M411.010A03C Datasheet
512Kb / 4P
Totalizers mechanic
M411.010A03D IVO-M411.010A03D Datasheet
512Kb / 4P
Totalizers mechanic
logo
PETERMANN-TECHNIK
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
614Kb / 2P
SMD WATCH CRYSTAL SERIES M4115
M4115 PETERMANN-M4115_13 Datasheet
614Kb / 2P
SMD WATCH CRYSTAL SERIES M4115
More results

Similar Description - M411AX

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
IRC - a TT electronics ...
RTD-P1206-42-1000-D IRCTT-RTD-P1206-42-1000-D Datasheet
333Kb / 2P
Platinum Temperature Sensor
logo
KOA Speer Electronics, ...
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
platinum thin film thermal sensors
logo
AVX Corporation
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
Axial Leads/SpinGuard짰
logo
List of Unclassifed Man...
M416 ETC2-M416 Datasheet
130Kb / 1P
M-series platinum temperature sensors are characterized by long-term stability
logo
AVX Corporation
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
Axial Leads/SpinGuard
SA115E334ZAA AVX-SA115E334ZAA Datasheet
261Kb / 6P
Axial Leads/SpinGuard
logo
RHOPOINT COMPONENTS
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
Platinum Resistance Temperature Detector
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
Platinum Temperature Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com