Electronic Components Datasheet Search
  English  ▼

X  

US1D Datasheet(PDF) 2 Page - Diodes Incorporated

Part # US1D
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1D Datasheet(HTML) 2 Page - Diodes Incorporated

  US1D Datasheet HTML 1Page - Diodes Incorporated US1D Datasheet HTML 2Page - Diodes Incorporated US1D Datasheet HTML 3Page - Diodes Incorporated US1D Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US1A - US1M
Document number: DS16008 Rev. 10 - 2
2 of 4
www.diodes.com
October 2011
© Diodes Incorporated
US1A - US1M
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
US1A
US1B
US1D
US1G
US1J
US1K
US1M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 4)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 75°CIO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance, Junction to Terminal
RθJT
30
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
US1A
US1B
US1D
US1G
US1J
US1K
US1M
Unit
Forward Voltage Drop
@ IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 4)
@ TA = 100°C
IRM
5.0
100
μA
Reverse Recovery Time (Note 5)
trr
50
75
ns
Typical Total Capacitance (Note 6)
CT
20
10
pF
Notes:
4. Short duration pulse test used to minimize self-heating effect.
5. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
6. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
0
0.5
1.0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
0.01
0.1
1.0
10
00.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
1.2
1.6
2.0
US1A - US1D
US1G
US1J - US1M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com