Electronic Components Datasheet Search
  English  ▼

X  

US1K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # US1K
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1K Datasheet(HTML) 1 Page - Diodes Incorporated

  US1K Datasheet HTML 1Page - Diodes Incorporated US1K Datasheet HTML 2Page - Diodes Incorporated US1K Datasheet HTML 3Page - Diodes Incorporated US1K Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US1A - US1M
Document number: DS16008 Rev. 10 - 2
1 of 4
www.diodes.com
October 2011
© Diodes Incorporated
US1A - US1M
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Features
•
Glass Passivated Die Construction
•
Ultra-Fast Recovery Time for High Efficiency
•
Surge Overload Rating to 30A Peak
•
High Current Capability
•
Ideally Suited for Automated Assembly
•
Lead Free Finish/RoHS Compliant (Note 1)
•
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
•
Case: SMA
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
•
Polarity: Cathode Band or Cathode Notch
•
Weight: 0.064 grams (approximate)
Ordering Information (Note 3)
Part Number*
Case
Packaging
US1x-13-F
SMA
5000/Tape & Reel
*x = Device type, e.g. US1A-13-F.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
 
Green
Top View
Bottom View
US1x = Product type marking code, ex: US1A
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
US1x


Similar Part No. - US1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1K PANJIT-US1K Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
US1K SURGE-US1K Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1K TRSYS-US1K Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
US1K SSE-US1K Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Dc Components
US1K DCCOM-US1K Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 11
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 3
US1NWF DIODES-US1NWF Datasheet
437Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com