Electronic Components Datasheet Search
  English  ▼

X  

3260 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3260
Description  SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3260 Datasheet(HTML) 7 Page - Allegro MicroSystems

  3260 Datasheet HTML 1Page - Allegro MicroSystems 3260 Datasheet HTML 2Page - Allegro MicroSystems 3260 Datasheet HTML 3Page - Allegro MicroSystems 3260 Datasheet HTML 4Page - Allegro MicroSystems 3260 Datasheet HTML 5Page - Allegro MicroSystems 3260 Datasheet HTML 6Page - Allegro MicroSystems 3260 Datasheet HTML 7Page - Allegro MicroSystems 3260 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3141 THRU 3144
SENSITIVE
HALL-EFFECT SWITCHES
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
HALL-EFFECT SENSORS
UNIPOLAR HALL-EFFECT DIGITAL SWITCHES
Partial
Operate
Release
Hysteresis
Replaces
Part
Point (G)
Point (G)
(G)
Oper.
and
Number
Over Oper. Voltage & Temp. Range
Temp.
Packages
Comments
A3121x
220 to 500
80 to 410
60 to 150
E, L
LT, UA
3019, 3113, 3119
A3122x
260 to 430
120 to 360
70 to 140
E, L
LT, UA
A3123x
230 to 470
160 to 330
70 to 140
E, L
LT, UA
A3141x
30 to 175
10 to 145
20 to 80
E, L
LT, UA
3040, 3140
A3142x
115 to 245
60 to 190
30 to 80
E, L
LT, UA
A3143x
205 to 355
150 to 300
30 to 80
E, L
LT, UA
A3144x
35 to 450
25 to 430
>20
E, L
LT, UA
3020, 3120
A3161E
<160 (Typ 130)
>30 (Typ 110)
5 to 80
E
LT, UA
2-wire operation
A3163E
<160 (Typ 98)
>30 (Typ 79)
5 to 40
E
LT, UA
2-wire
A3240x
<50 (Typ 35)
>5 (Typ 25)
Typ 10
E, L
LH, LT, UA
chopper stabilized
A3250x
<50 to >350
_
5 to 35
J, L
UA
programmable, chopper stabilized
A3251x
<50 to >350
_
5 to 35
J, L
UA
programmable, chopper stabilized
A3361E
<125
>405 to 30E
LH, LT, UA
2-wire, chopper stabilized,
output normally high
A3362E
<125
>405 to 30E
LH, LT, UA
2-wire, chopper stabilized,
output normally low
MICROPOWER OMNIPOLAR HALL-EFFECT DIGITAL SWITCHES
Partial
Operate
Release
Hysteresis
Average
Part
Points (G)
Points (G)
(G)
Oper.
Supply
Number
Over Oper. Voltage & Temp. Range
Temp.
Packages
Current (
µA)
A3209E
>-60, <60
<-5, >5
Typ 7.7
E
LH, UA
<425 (Typ 145)
A3210E
>-60, <60
<-5, >5
Typ 7.7
E
LH, UA
<60 (Typ 8.8)
A3212E
>-55, <55
<-10, >10
Typ. 8
E
LH, UA
<10 (Typ 4.2)
BIPOLAR HALL-EFFECT DIGITAL SWITCHES
Partial
Operate
Release
Hysteresis
Replaces
Part
Point (G)
Point (G)
(G)
Oper.
and
Number
Over Oper. Voltage & Temp. Range
Temp.
Packages
Comments
UGx3132
<95 (Typ 32)
>-95 (Typ -20) >30 (Typ 52)
K, L, S
LT, UA
3030, 3130, 3131
UGx3133
<75 (Typ 32)
>-75 (Typ -20) >30 (Typ 52)
K, L, S
LT, UA
UGx3134
-40 to 50
-50 to 40
5 to 55
E, L
LT, UA
A3260x
<30 (Typ 10)
>-30 (Typ -10)
Typ 20
E, L
LH, LT, UA
2 wire, chopper stabilized
Notes: 1) Typical data is at TA = +25°C and nominal operating voltage.
2) “x” = Operating Temperature Range [suffix letter or (prefix)]: S (UGN) = -20
°C to +85°C, E = -40°C to +85°C,
J = -40
°C to +115°C, K (UGS) = -40°C to +125°C, L (UGL) = -40°C to +150°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com