Electronic Components Datasheet Search
  English  ▼

X  

A1240 Datasheet(PDF) 49 Page - Actel Corporation

Part # A1240
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1240 Datasheet(HTML) 49 Page - Actel Corporation

Back Button A1240 Datasheet HTML 45Page - Actel Corporation A1240 Datasheet HTML 46Page - Actel Corporation A1240 Datasheet HTML 47Page - Actel Corporation A1240 Datasheet HTML 48Page - Actel Corporation A1240 Datasheet HTML 49Page - Actel Corporation A1240 Datasheet HTML 50Page - Actel Corporation A1240 Datasheet HTML 51Page - Actel Corporation A1240 Datasheet HTML 52Page - Actel Corporation A1240 Datasheet HTML 53Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
49
Hi R e l F P GA s
A3 21 00 DX Ti m i n g Ch ar ac te r i st i c s (continued)
(Wor s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
’–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Synchronous SRAM Operations
tRC
Read Cycle Time
8.8
11.8
ns
tWC
Write Cycle Time
8.8
11.8
ns
tRCKHL
Clock High/Low Time
4.4
5.9
ns
tRCO
Data Valid After Clock High/Low
4.4
5.9
ns
tADSU
Address/Data Setup Time
2.1
2.8
ns
tADH
Address/Data Hold Time
0.0
0.0
ns
tRENSU
Read Enable Setup
0.8
1.1
ns
tRENH
Read Enable Hold
4.4
5.9
ns
tWENSU
Write Enable Setup
3.5
4.7
ns
tWENH
Write Enable Hold
0.0
0.0
ns
tBENS
Block Enable Setup
3.6
4.8
ns
tBENH
Block Enable Hold
0.0
0.0
ns
Asynchronous SRAM Operations
tRPD
Asynchronous Access Time
10.6
14.1
ns
tRDADV
Read Address Valid
11.5
15.3
ns
tADSU
Address/Data Setup Time
2.1
2.8
ns
tADH
Address/Data Hold Time
0.0
0.0
ns
tRENSUA
Read Enable Setup to Address Valid
0.8
1.1
ns
tRENHA
Read Enable Hold
4.4
5.9
ns
tWENSU
Write Enable Setup
3.5
4.7
ns
tWENH
Write Enable Hold
0.0
0.0
ns
tDOH
Data Out Hold Time
1.6
2.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com