Electronic Components Datasheet Search
  English  ▼

X  

A32200 Datasheet(PDF) 13 Page - Actel Corporation

Part # A32200
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32200 Datasheet(HTML) 13 Page - Actel Corporation

Back Button A32200 Datasheet HTML 9Page - Actel Corporation A32200 Datasheet HTML 10Page - Actel Corporation A32200 Datasheet HTML 11Page - Actel Corporation A32200 Datasheet HTML 12Page - Actel Corporation A32200 Datasheet HTML 13Page - Actel Corporation A32200 Datasheet HTML 14Page - Actel Corporation A32200 Datasheet HTML 15Page - Actel Corporation A32200 Datasheet HTML 16Page - Actel Corporation A32200 Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
13
Hi R e l F P GA s
Fi x ed Capa ci t anc e V a l u es for
Act e l FP GA s (pF)
Fi x ed Cl o ck Loads ( s 1/s 2—A CT 3 Only)
De te r m i n i n g Av er age S w i tc h i n g Fr equ ency
To determine the switching frequency for a design, you must
have a detailed understanding of the data values input to the
circuit. The guidelines in the table below are meant to
represent worst-case scenarios so that they can be generally
used to predict the upper limits of power dissipation.
Device Type
r1
routed_Clk1
r2
routed_Clk2
A1010B
41
n/a
A1020B
69
n/a
A1240A
134
134
A1280A
168
168
A1280XL
168
168
A1425A
75
75
A1460A
165
165
A14100A
195
195
A32100DX
178
178
A32200DX
230
230
Device Type
s1
Clock Loads on
Dedicated
Array Clock
s2
Clock Loads on
Dedicated
I/O Clock
A1425A
160
100
A1460A
432
168
A14100A
697
228
Type
ACT 3
3200DX/ACT 2/1200XL
ACT 1
Logic modules (m)
80% of modules
80% of modules
90% of modules
Input switching (n)
# inputs/4
# inputs/4
# inputs/4
Outputs switching (p)
#outputs/4
#outputs/4
#outputs/4
First routed array clock loads (q1)
40% of sequential
modules
40% of sequential
modules
40% of modules
Second routed array clock loads (q2)
40% of sequential
modules
40% of sequential
modules
n/a
Load capacitance (CL)
35 pF
35 pF
35 pF
Average logic module switching rate (fm)
F/10
F/10
F/10
Average input switching rate (fn)
F/5
F/5
F/5
Average output switching rate (fp)
F/10
F/10
F/10
Average first routed array clock rate (fq1)F/2
F
F
Average second routed array clock rate (fq2)
F/2
F/2
n/a
Average dedicated array clock rate (fs1)F
n/a
n/a
Average dedicated I/O clock rate (fs2)F
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com