Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3280
Description  SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3280 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3280 Datasheet HTML 1Page - Allegro MicroSystems 3280 Datasheet HTML 2Page - Allegro MicroSystems 3280 Datasheet HTML 3Page - Allegro MicroSystems 3280 Datasheet HTML 4Page - Allegro MicroSystems 3280 Datasheet HTML 5Page - Allegro MicroSystems 3280 Datasheet HTML 6Page - Allegro MicroSystems 3280 Datasheet HTML 7Page - Allegro MicroSystems 3280 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3141 THRU 3144
SENSITIVE
HALL-EFFECT SWITCHES
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
Dwg. MA-009-3A in
1
23
0.072
0.064
0.167
0.155
0.059
BSC
0.0189
0.0142
0.047
0.035
0.102
0.090
0.063
0.055
0.0173
0.0138
0.090
0.084
0.0221
0.0173
0.118
BSC
0.181
0.173
Dwg. MA-009-3A mm
1
23
4.60
4.40
1.83
1.62
4.25
3.94
1.50
BSC
0.48
0.36
1.20
0.89
2.60
2.29
1.60
1.40
0.44
0.35
2.29
2.13
0.56
0.44
3.00
BSC
PACKAGE DESIGNATOR ‘LT’
(SOT89/TO-243AA)
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
NOTES: 1.
Exact body and lead configuration at vendor’s option within limits shown.
2.
Supplied in bulk pack (500 pieces per bag) or add "TR" to part number for tape and reel.
3.
Only low-temperature (
≤240°C) reflow-soldering techniques are recommended for SOT89 devices.
1
B
0.098
0.031
0.102
0.047
0.181
0.079
Dwg. MA-012-3 in
Pads 1, 2, 3, and A — Standard SOT89 Layout
Pads 1, 2, 3, and B — Low-Stress Version
Pads 1, 2, and 3 only — Lowest Stress, But Not Self Aligning
2
0.028
TYP
0.031
TYP
A
3
13
B
2.5
0.8
2.6
1.2
4.6
2.0
Dwg. MA-012-3 mm
Pads 1, 2, 3, and A — Standard SOT89 Layout
Pads 1, 2, 3, and B — Low-Stress Version
Pads 1, 2, and 3 only — Lowest Stress, But Not Self Aligning
2
0.7
TYP
0.8
TYP
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com