Electronic Components Datasheet Search
  English  ▼

X  

A3957SLB Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3957SLB
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3957SLB Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3957SLB Datasheet HTML 4Page - Allegro MicroSystems A3957SLB Datasheet HTML 5Page - Allegro MicroSystems A3957SLB Datasheet HTML 6Page - Allegro MicroSystems A3957SLB Datasheet HTML 7Page - Allegro MicroSystems A3957SLB Datasheet HTML 8Page - Allegro MicroSystems A3957SLB Datasheet HTML 9Page - Allegro MicroSystems A3957SLB Datasheet HTML 10Page - Allegro MicroSystems A3957SLB Datasheet HTML 11Page - Allegro MicroSystems A3957SLB Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
3957
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Terminal Functions
A3957SA
A3957SLB
Terminal
Pin
Lead
Name
Description
–
1
NC
No internal connection.
5
2
PFD
(Percent Fast Decay) The analog input used to set the current-decay mode.
6
3
REF
(VREF) The voltage at this input (along with the value of RS and the states of DAC
inputs D0, D1, and D2) set the peak output current.
–
4
NC
No internal connection.
7
5
RC
The parallel combination of external resistor RT and capacitor CT set the off time
for the PWM current regulator. CT also sets the blanking time.
8*
6-7
GROUND
Return for the logic supply (VCC) and load supply (VBB); the reference for all
voltage measurements.
98
D3
(DATA3) One of four (MSB) control bits for the internal digital-to-analog converter.
10
9
LOGIC SUPPLY
(VCC) Supply voltage for the logic circuitry. Typically = 5 V.
11
10
PHASE
The PHASE input determines the direction of current in the load.
12
11
D2
(DATA2) One of four control bits for the internal digital-to-analog converter.
–
12
NC
No internal connection.
13
13
D1
(DATA1) One of four control bits for the internal digital-to-analog converter.
–
14
NC
No internal connection.
14
15
OUTA
One of two output load connections.
–
16
NC
No internal connection.
15
17
SENSE
Connection to the sink-transistor emitters. Sense resistor RS is connected
between this point and ground.
16
–
NC
No internal connection.
1*
18-19
GROUND
Return for the logic supply (VCC) and load supply (VBB); the reference for all
voltage measurements.
220
D0
(DATA0) One of four (LSB) control bits for the internal digital-to-analog converter.
–
21
NC
No internal connection.
3
22
OUTB
One of two output load connections.
4
23
LOAD SUPPLY
(VBB) Supply voltage for the load.
–
24
NC
No internal connection.
* For the ‘A’ package, pins 1 and 8 must be externally connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com