Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 29 Page - Actel Corporation

Part # APA150
Description  ProASICPLUS짰 Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 29 Page - Actel Corporation

Back Button APA150 Datasheet HTML 25Page - Actel Corporation APA150 Datasheet HTML 26Page - Actel Corporation APA150 Datasheet HTML 27Page - Actel Corporation APA150 Datasheet HTML 28Page - Actel Corporation APA150 Datasheet HTML 29Page - Actel Corporation APA150 Datasheet HTML 30Page - Actel Corporation APA150 Datasheet HTML 31Page - Actel Corporation APA150 Datasheet HTML 32Page - Actel Corporation APA150 Datasheet HTML 33Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-19
PLL I/O Constraints
PLL locking is guaranteed only when the following constraints are followed:
Table 2-10 • PLL I/O Constraints
TJ ≤ –40°C
Value TJ > –40°C
I/O Type
PLL locking is guaranteed only when using low drive strength and
low slew rate I/O. PLL locking may be inconsistent when using high
drive strength or high slew rate I/Os
No Constraints
SSO
APA300
Hermetic packages
≤ 8 SSO
With FIN
≤ 180 MHz and
outputs
switching
simultaneously
Plastic packages
≤ 16 SSO
APA600
Hermetic packages
≤ 16 SSO
Plastic packages
≤ 32 SSO
APA1000
Hermetic packages
≤ 16 SSO
Plastic packages
≤ 32 SSO
APA300
Hermetic packages
≤ 12 SSO
With FIN
≤ 50 MHz and half
outputs switching on positive
clock edge, half switching on
the negative clock edge no less
than 10 ns later
Plastic packages
≤ 20 SSO
APA600
Hermetic packages
≤ 32 SSO
Plastic packages
≤ 64 SSO
APA1000
Hermetic packages
≤ 32 SSO
Plastic packages
≤ 64 SSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com