Electronic Components Datasheet Search
  English  ▼

X  

3281 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3281
Description  SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3281 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3281 Datasheet HTML 1Page - Allegro MicroSystems 3281 Datasheet HTML 2Page - Allegro MicroSystems 3281 Datasheet HTML 3Page - Allegro MicroSystems 3281 Datasheet HTML 4Page - Allegro MicroSystems 3281 Datasheet HTML 5Page - Allegro MicroSystems 3281 Datasheet HTML 6Page - Allegro MicroSystems 3281 Datasheet HTML 7Page - Allegro MicroSystems 3281 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Always order by complete part number, e.g., A3141ELT .
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Supply Voltage, V
CC ............................ 28 V
Reverse Battery Voltage, V
RCC ........... -35 V
Magnetic Flux Density, B .......... Unlimited
Output OFF Voltage, V
OUT .................. 28 V
Reverse Output Voltage, V
OUT ........... -0.5 V
Continuous Output Current, I
OUT ...... 25 mA
Operating Temperature Range, T
A
Suffix ‘E–’ .................. -40
°C to +85°C
Suffix ‘L–’ ................ -40
°C to +150°C
Storage Temperature Range,
T
S .............................. -65°C to +170°C
These Hall-effect switches are monolithic integrated circuits with
tighter magnetic specifications, designed to operate continuously over
extended temperatures to +150
°C, and are more stable with both
temperature and supply voltage changes. The unipolar switching
characteristic makes these devices ideal for use with a simple bar or rod
magnet. The four basic devices (3141, 3142, 3143, and 3144) are
identical except for magnetic switch points.
Each device includes a voltage regulator for operation with supply
voltages of 4.5 to 24 volts, reverse battery protection diode, quadratic
Hall-voltage generator, temperature compensation circuitry, small-
signal amplifier, Schmitt trigger, and an open-collector output to sink
up to 25 mA. With suitable output pull up, they can be used with
bipolar or CMOS logic circuits. The A3141– and A3142– are im-
proved replacements for the UGN/UGS3140–; the A3144– is the
improved replacement for the UGN/UGS3120–.
The first character of the part number suffix determines the device
operating temperature range. Suffix ‘E–’ is for the automotive and
industrial temperature range of -40
°C to +85°C. Suffix ‘L–’ is for the
automotive and military temperature range of -40
°C to +150°C. Three
package styles provide a magnetically optimized package for most
applications. Suffix ‘–LT’ is a miniature SOT89/TO-243AA transistor
package for surface-mount applications; suffix ‘–UA’ is a three-lead
ultra-mini-SIP.
FEATURES and BENEFITS
s Superior Temp. Stability for Automotive or Industrial Applications
s 4.5 V to 24 V Operation … Needs Only An Unregulated Supply
s Open-Collector 25 mA Output … Compatible with Digital Logic
s Reverse Battery Protection
s Activate with Small, Commercially Available Permanent Magnets
s Solid-State Reliability
s Small Size
s Resistant to Physical Stress
Pinning is shown viewed from branded side.
SENSITIVE HALL-EFFECT SWITCHES
FOR HIGH-TEMPERATURE OPERATION
3141 THRU
3144
Dwg. PH-003A
1
V
CC
3
2


Similar Part No. - 3281

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3281 ALLEGRO-3281 Datasheet
197Kb / 12P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
3281 ALLEGRO-3281 Datasheet
266Kb / 11P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
3281 ALLEGRO-3281 Datasheet
343Kb / 12P
CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
logo
ASM GmbH
3281 ASM-SENSOR-3281 Datasheet
399Kb / 2P
DIGITAL CLAMP ON HiTESTER
logo
KR Electronics, Inc.
3281 KR-3281 Datasheet
69Kb / 3P
2750 MHz Lowpass Filter
More results

Similar Description - 3281

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
3141 ALLEGRO-3141 Datasheet
142Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
Sensitive Hall Effect Switches for High-Temperature Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com