Electronic Components Datasheet Search
  English  ▼

X  

3964 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3964
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3964 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3964 Datasheet HTML 1Page - Allegro MicroSystems 3964 Datasheet HTML 2Page - Allegro MicroSystems 3964 Datasheet HTML 3Page - Allegro MicroSystems 3964 Datasheet HTML 4Page - Allegro MicroSystems 3964 Datasheet HTML 5Page - Allegro MicroSystems 3964 Datasheet HTML 6Page - Allegro MicroSystems 3964 Datasheet HTML 7Page - Allegro MicroSystems 3964 Datasheet HTML 8Page - Allegro MicroSystems 3964 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3964
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.
TRUTH TABLE
ENABLE
PHASE
OUTA
OUTB
H
X
Off
Off
L
HHL
LL
L
H
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 30 V, VCC = 4.75 V to 5.25 V,
VS = 0 V, 30 kΩ & 1000 pF RC to Ground (unless noted otherwise)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Load Supply Voltage Range
VBB
Operating, IOUT = ±800 mA, L = 3 mH
5.0
—
30
V
Output Sustaining Voltage
VCE(sus)
IOUT = ±800 mA, L = 3 mH, VBB = 33 V
33
—
—
V
Output Leakage Current
ICEX
VOUT = VBB = 33 V
—
<1.0
50
µA
VOUT = 0 V, VBB = 33 V
—
<1.0
-50
µA
Output Saturation Voltage
VCE(SAT)
Source Driver, IOUT = -500 mA
—
1.0
1.2
V
Source Driver, IOUT = -750 mA
—
1.1
1.5
V
Source Driver, IOUT = -800 mA
—
—
1.7
V
Sink Driver, IOUT = +500 mA
—
0.3
0.6
V
Sink Driver, IOUT = +750 mA
—
0.5
1.2
V
Sink Driver, IOUT = +800 mA
—
—
1.5
V
Clamp Diode Forward Voltage
VF
IF = 500 mA
—
1.1
1.4
V
(Sink or Source)
IF = 750 mA
—
1.3
1.6
V
IF = 800 mA
—
—
1.7
V
Motor Supply Current
IBB(ON)
VENABLE = 0.8 V
—
2.0
4.0
mA
(No Load)
IBB(OFF)
VENABLE = 2.4 V
—
0
500
µA
Output Drivers
X = Irrelevant



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com