Electronic Components Datasheet Search
  English  ▼

X  

AD22103KTZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD22103KTZ
Description  3.3 V SUPPLY, VOLTAGE OUTPUT TEMPERATURE SENSOR WITH SIGNAL CONDITIONING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22103KTZ Datasheet(HTML) 2 Page - Analog Devices

  AD22103KTZ Datasheet HTML 1Page - Analog Devices AD22103KTZ Datasheet HTML 2Page - Analog Devices AD22103KTZ Datasheet HTML 3Page - Analog Devices AD22103KTZ Datasheet HTML 4Page - Analog Devices AD22103KTZ Datasheet HTML 5Page - Analog Devices AD22103KTZ Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REV. 0
–2–
AD22103–SPECIFICATIONS
AD22103K
Parameter
Min
Typ
Max
Units
TRANSFER FUNCTION
VOUT = (VS/3.3 V)
× [0.25 V + (28 mV/°C) × T
A]V
TEMPERATURE COEFFICIENT
(VS/3.3 V) × 28
mV/
°C
TOTAL ERROR
Initial Error
TA = +25°C
±0.5
±2.0
°C
Error over Temperature
TA = TMIN to TMAX
±0.75
±2.5
°C
Nonlinearity
TA = TMIN to TMAX
0.1
0.5
% FS
1
OUTPUT CHARACTERISTICS
Nominal Output Voltage
VS = 3.3 V, TA = 0°C
0.25
V
VS = 3.3 V, TA = +25°C
0.95
V
VS = 3.3 V, TA = +100
°C
3.05
V
POWER SUPPLY
Operating Voltage
+2.7
+3.3
+3.6
V
Quiescent Current
350
500
600
µA
TEMPERATURE RANGE
Guaranteed Temperature Range
0
+100
°C
Operating Temperature Range
0
+100
°C
PACKAGE
TO-92
SOIC
NOTES
1FS (Full Scale) is defined as that of the operating temperature range, 0
°C to +100°C. The listed max specification limit applies to the guaranteed temperature range.
For example, the AD22103K has a nonlinearity of (0.5%)
× (100°C) = 0.5°C over the guaranteed temperature range of 0°C to +100°C.
Specifications subject to change without notice.
CHIP SPECIFICATIONS
Parameter
Min
Typ
Max
Units
TRANSFER FUNCTION
VOUT = (VS/3.3 V) × [0.25 V + (28 mV/°C) × TA]V
TEMPERATURE COEFFICIENT
(VS/3.3 V)
× 28
mV/
°C
OUTPUT CHARACTERISTICS
Error
TA = +25°C
±0.5
Note 1
°C
Nominal Output Voltage
TA = +25
°C
0.95
V
POWER SUPPLY
Operating Voltage
+2.7
+3.3
+3.6
V
Quiescent Current
350
500
600
µA
TEMPERATURE RANGE
Guaranteed Temperature Range
25
°C
Operating Temperature Range
0
+100
°C
NOTES
1Max specs cannot be guaranteed on chips, however, performance once assembled should be commensurate with the specifications listed in the top table.
Specifications subject to change without notice.
(TA = +25
°C and V
S = +2.7 V to +3.6 V unless otherwise noted)
(TA = +25
°C and V
S = +3.3 V unless otherwise noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com