Electronic Components Datasheet Search
  English  ▼

X  

CT6EP102 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CT6EP102
Description  SINGLE TURN CERMET TRIMMERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CT6EP102 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  CT6EP102 Datasheet HTML 1Page - List of Unclassifed Manufacturers CT6EP102 Datasheet HTML 2Page - List of Unclassifed Manufacturers CT6EP102 Datasheet HTML 3Page - List of Unclassifed Manufacturers CT6EP102 Datasheet HTML 4Page - List of Unclassifed Manufacturers CT6EP102 Datasheet HTML 5Page - List of Unclassifed Manufacturers CT6EP102 Datasheet HTML 6Page - List of Unclassifed Manufacturers CT6EP102 Datasheet HTML 7Page - List of Unclassifed Manufacturers CT6EP102 Datasheet HTML 8Page - List of Unclassifed Manufacturers CT6EP102 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
● CT-6EMS
Side adjustment
<Bulk pack specifications>
● Unit of bulk pack in a plastic bag is 50 pcs. per pack.
● Boxing of bulk in a plastic bag is performed with 200 pcs. (CT-6EF is 100 pcs.) per box.
● CT-6EMP
Top adjustment
CW rotation
1
2
3
5.8
3.1
260
° Nom.
7
Resistance code &
Production date code
3
1
2
2.5 2.5
3 –
0.45
φ
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
Resistance code & Production date code
7
+0.4
0
7
+0.4
–0.1
2.5
2.5
3
1
2
Adjustment
3 –
0.45
φ
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
CT-6
CERMET TRIMMERS
■ADJUSTMENT TOOL, MODEL TA-64
COPAL ELECTRONICS
130
12
12
2
2
2.7
2.7
+ bit
Tip thickness 0.5
±0.05
Tip 2.4
– bit
Tip thickness 0.5
±0.05
Tip 2.0
0
–0.1
● Good for both minus and cross slot rotors / shafts.
● Recommended for use with the following copal trimmers.
Material : Polyoxymethylene
Recommended models
+ bit
− bit
CT-6
ST-4
FT-63
RJ-4
RJ-6
TM-7
※Note : Please do not use the tool for purposes other than adjustment of electronic components.
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com