Electronic Components Datasheet Search
  English  ▼

X  

3966 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3966
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3966 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3966 Datasheet HTML 1Page - Allegro MicroSystems 3966 Datasheet HTML 2Page - Allegro MicroSystems 3966 Datasheet HTML 3Page - Allegro MicroSystems 3966 Datasheet HTML 4Page - Allegro MicroSystems 3966 Datasheet HTML 5Page - Allegro MicroSystems 3966 Datasheet HTML 6Page - Allegro MicroSystems 3966 Datasheet HTML 7Page - Allegro MicroSystems 3966 Datasheet HTML 8Page - Allegro MicroSystems 3966 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3966
DUAL FULL-BRIDGE PWM
MOTOR DRIVER
The A3966SA and A3966SLB are designed to drive both windings of a
two-phase bipolar stepper motor. Each device includes two H-bridges
capable of continuous output currents of
±650 mA and operating voltages to
30 V. Motor winding current can be controlled by the internal fixed-fre-
quency, pulse-width modulated (PWM), current-control circuitry. The peak
load current limit is set by the user’s selection of a reference voltage and
current-sensing resistors. Except for package style and pinout, the two
devices are identical.
The fixed-frequency pulse duration is set by a user-selected external
RC timing network. The capacitor in the RC timing network also determines
a user-selectable blanking window that prevents false triggering of the PWM
current-control circuitry during switching transitions.
To reduce on-chip power dissipation, the H-bridge power outputs have
been optimized for low saturation voltages. The sink drivers feature Allegro’s
patented Satlington™ output structure. The Satlington outputs combine the
low voltage drop of a saturated transistor and the high peak current capability
of a Darlington.
For each bridge, a PHASE input controls load-current polarity by
selecting the appropriate source and sink driver pair. For each bridge, an
ENABLE input, when held high, disables the output drivers. Special power-
up sequencing is not required. Internal circuit protection includes thermal
shutdown with hysteresis, ground-clamp and flyback diodes, and crossover-
current protection.
The A3966SA is supplied in a 16-pin dual in-line plastic package. The
A3966SLB is supplied in a 16-lead plastic SOIC with copper heat sink tabs.
The power tab is at ground potential and needs no electrical isolation.
A3966SLB
OUT1B
GROUND
Dwg. PP-066-1
GROUND
OUT1A
PHASE 1
OUT2A
SENSE1
ENABLE 1
LOAD
SUPPLY
REFERENCE
PHASE 2
ENABLE 2
SENSE 2
OUT 2B
LOGIC
SUPPLY
RC
LOGIC
LOGIC
1
2
3
14
15
16
6
710
11
89
RC
4
5
V
REF
13
12
V
BB
V
CC
V
BB
FEATURES
I ±650 mA Continuous Output Current
I 30 V Output Voltage Rating
I Internal Fixed-Frequency PWM Current Control
I Satlington™ Sink Drivers
I User-Selectable Blanking Window
I Internal Ground-Clamp & Flyback Diodes
I Internal Thermal-Shutdown Circuitry
I Crossover-Current Protection and UVLO Protection
Always order by complete part number:
Part Number
Package
RθJA
RθJC
RθJT
A3966SA
16-pin DIP
60
°C/W
38
°C/W
A3966SLB
16-lead batwing SOIC
67
°C/W
6
°C/W
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB ...................... 30 V
Output Current, IOUT (peak) ...........
±750 mA
(continuous) ..............................
±650 mA
Logic Supply Voltage, VCC .................... 7.0 V
Input Voltage, Vin ........ -0.3 V to VCC + 0.3 V
Sense Voltage, VS ................................ 1.0 V
Package Power Dissipation (TA = 25
°C), PD
A3966SA ..................................... 2.08 W*
A3966SLB ................................... 1.87 W*
Operating Temperature Range,
TA ..................................... -20
°C to +85°C
Junction Temperature,
TJ .................................................. +150
°C
Storage Temperature Range,
TS ................................... -55
°C to +150°C
Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any set
of conditions, do not exceed the specified current rating
or a junction temperature of 150
°C.
* Per SEMI G42-88 Specification, Thermal Test Board
Standardization for Measuring Junction-to-Ambient
Thermal Resistance of Semiconductor Packages
.


Similar Part No. - 3966

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3966 POMONA-3966 Datasheet
27Kb / 1P
BNC (Female) To Miniature Banana Plugs
logo
Adafruit Industries
3966 ADAFRUIT-3966 Datasheet
312Kb / 2P
Adafruit BMP388 - Precision Barometric Pressure and Altimeter
logo
Vishay Siliconix
3966977 VISHAY-3966977 Datasheet
146Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose
23-Apr-2021
logo
Allegro MicroSystems
3966 ALLEGRO-3966_03 Datasheet
832Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - 3966

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com