Electronic Components Datasheet Search
  English  ▼

X  

MTP3N50 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP3N50
Description  TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP3N50 Datasheet(HTML) 2 Page - Motorola, Inc

  MTP3N50 Datasheet HTML 1Page - Motorola, Inc MTP3N50 Datasheet HTML 2Page - Motorola, Inc MTP3N50 Datasheet HTML 3Page - Motorola, Inc MTP3N50 Datasheet HTML 4Page - Motorola, Inc MTP3N50 Datasheet HTML 5Page - Motorola, Inc MTP3N50 Datasheet HTML 6Page - Motorola, Inc MTP3N50 Datasheet HTML 7Page - Motorola, Inc MTP3N50 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP3N50E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0, ID = 0.25 mA)
V(BR)DSS
500
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 500 V, VGS = 0)
(VDS = 400 V, VGS = 0, TJ = 125°C)
IDSS
—
—
—
—
0.25
1.0
mAdc
Gate–Body Leakage Current, Forward (VGSF = 20 Vdc, VDS = 0)
IGSSF
—
—
100
nAdc
Gate–Body Leakage Current, Reverse (VGSR = 20 Vdc, VDS = 0)
IGSSR
—
—
100
nAdc
ON CHARACTERISTICS*
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
(TJ = 125°C)
VGS(th)
2.0
1.5
—
—
4.0
3.5
Vdc
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 1.5 Adc)
RDS(on)
—
2.4
3.0
Ohm
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 3.0 A)
(ID = 1.5 A, TJ = 100°C)
VDS(on)
—
—
—
—
10
8.0
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 1.5 Adc)
gFS
1.0
—
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Ciss
—
435
—
pF
Output Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Coss
—
56
—
Transfer Capacitance
f = 1.0 MHz)
Crss
—
9.2
—
SWITCHING CHARACTERISTICS*
Turn–On Delay Time
(VDD = 250 V, ID ≈ 3.0 A,
RG = 18 Ω, RL = 83 Ω,
VGS(on) = 10 V)
td(on)
—
14
—
ns
Rise Time
(VDD = 250 V, ID ≈ 3.0 A,
RG = 18 Ω, RL = 83 Ω,
VGS(on) = 10 V)
tr
—
14
—
Turn–Off Delay Time
RG = 18 Ω, RL = 83 Ω,
VGS(on) = 10 V)
td(off)
—
30
—
Fall Time
GS(on) = 10 V)
tf
—
20
—
Total Gate Charge
(VDS = 400 V, ID = 3.0 A,
VGS = 10 V)
Qg
—
15
21
nC
Gate–Source Charge
(VDS = 400 V, ID = 3.0 A,
VGS = 10 V)
Qgs
—
2.5
—
Gate–Drain Charge
VGS = 10 V)
Qgd
—
10
—
SOURCE–DRAIN DIODE CHARACTERISTICS*
Forward On–Voltage
(IS = 3.0 A)
VSD
—
—
1.5
Vdc
Forward Turn–On Time
(IS = 3.0 A, di/dt = 100 A/µs)
ton
—
**
—
ns
Reverse Recovery Time
(IS = 3.0 A, di/dt = 100 A/µs)
trr
—
200
—
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
Ld
—
—
3.5
4.5
—
—
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
Ls
—
7.5
—
* Indicates Pulse Test: Pulse Width = 300
µs Max, Duty Cycle ≤ 2.0%.
** Limited by circuit inductance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com