Electronic Components Datasheet Search
  English  ▼

X  

TIP2955 Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP2955
Description  Complementary Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP2955 Datasheet(HTML) 3 Page - ON Semiconductor

  TIP2955 Datasheet HTML 1Page - ON Semiconductor TIP2955 Datasheet HTML 2Page - ON Semiconductor TIP2955 Datasheet HTML 3Page - ON Semiconductor TIP2955 Datasheet HTML 4Page - ON Semiconductor TIP2955 Datasheet HTML 5Page - ON Semiconductor TIP2955 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP3055 (NPN), TIP2955 (PNP)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
60
−
Vdc
Collector Cutoff Current
(VCE = 70 Vdc, RBE = 100 Ohms)
ICER
−
1.0
mAdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
ICEO
−
0.7
mAdc
Collector Cutoff Current
(VCE = 100 Vdc, VBE(off) = 1.5 Vdc)
ICEV
−
5.0
mAdc
Emitter Cutoff Current
(VBE = 7.0 Vdc, IC = 0)
IEBO
−
5.0
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 4.0 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
hFE
20
5.0
70
−
−
Collector−Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 400 mAdc)
(IC = 10 Adc, IB = 3.3 Adc)
VCE(sat)
−
−
1.1
3.0
Vdc
Base−Emitter On Voltage
(IC = 4.0 Adc, VCE = 4.0 Vdc)
VBE(on)
−
1.8
Vdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 30 Vdc, t = 1.0 s; Nonrepetitive)
Is/b
3.0
−
Adc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.5
−
MHz
Small−Signal Current Gain
(VCE = 4.0 Vdc, IC = 1.0 Adc, f = 1.0 kHz)
hfe
15
−
kHz
NOTE: For additional design curves, refer to electrical characteristics curves of 2N3055.
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com