Electronic Components Datasheet Search
  English  ▼

X  

S2F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S2F
Description  Medium Capacity Standard Size Toggles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S2F Datasheet HTML 1Page - List of Unclassifed Manufacturers S2F Datasheet HTML 2Page - List of Unclassifed Manufacturers S2F Datasheet HTML 3Page - List of Unclassifed Manufacturers S2F Datasheet HTML 4Page - List of Unclassifed Manufacturers S2F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series S
Medium Capacity Standard Size Toggles
www.nkk.com
A100
A
S2AW
S6AW
Maximum
Panel Thickness:
.158” (4.0mm)
Maximum
Panel Thickness:
.158” (4.0mm)
S21AW does not have terminals 2 & 5
S1AW does not have
terminal 2
Notes: Standard Hardware: AT503M Face Hex Nut, AT508 Lockwasher, AT537 O-ring. See Accessories & Hardware section.
For .250” Quick Connect terminals, add “F” to end of part number. See Quick Connect terminal dimensions on previous page. For further
information, contact factory.
* Wire harness & cable assemblies offered only in Americas.
Notes: Standard Hardware: AT503M Face Hex Nut, AT508 Lockwasher, AT537 O-ring. See Accessories & Hardware section.
For .250” Quick Connect terminals, add “F” to end of part number. See Quick Connect terminal dimensions on previous page. For further
information, contact factory.
* Wire harness & cable assemblies offered only in Americas.
(10.9)
.429
(18.0)
.709
α
(12.5)
.492
(17.5)
.689
(23.7)
.933
(2.4) Dia Typ
.094
(5.7) Dia
.224
(7.5)
.295
M12 P1
(17.0) Dia
.669
Flat
(5.7)
.224
(4.8) Typ
.189
(0.8) Typ
.031
3
2
1
(30.0)
1.181
(10.9)
.429
(18.6)
.732
α
(12.5)
.492
(17.5)
.689
(25.7)
1.012
(5.7)
.224
(2.4) Dia Typ
.094
(5.7) Dia
.224
(4.8) Typ
.189
(7.5)
.295
M12 P1
(17.0) Dia
.669
Flat
6
3
2
1
4
5
(31.2)
1.228
(0.8) Typ
.031
(11.1)
.437
(12.5) Dia
.492
(11.1)
.437
(12.5) Dia
.492
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
S1AW
––
––
SPST
ON
1-3
NONE
OFF
—
15A
6A
20A
24°
S2AW
––
––
SPDT
ON
2-3
NONE
ON
2-1
15A
6A
20A
24°
S3AW
––
––
SPDT
ON
2-3
OFF
ON
2-1
15A
6A
20A
28°
S5AW
––
––
SPDT
ON
2-3
NONE
(ON)
2-1
15A
6A
20A
20°
S8AW
––
––
SPDT
(ON)
2-3
OFF
(ON)
2-1
15A
6A
20A
24°
S9AW
––
––
SPDT
ON
2-3
OFF
(ON)
2-1
15A
6A
20A
24°
Throw &
Schematics:
SINGLE POLE SOLDER LUG WITH PANEL SEAL *
SPST
Keyway
SPDT
3
1
INTERNAL
CONNECTION
2 (COM)
1
3
Note: Terminal numbers are
actually on the switch
R
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
S21AW
––
––
DPST
ON
1-3 4-6
NONE
OFF
—
15A
15A
15A
22°
S6AW
––
––
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
20A
10A
20A
22°
S7AW
––
––
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
20A
10A
20A
28°
S25AW
––
––
DPDT
ON
2-3 5-6
NONE
(ON)
2-1 5-4
15A
6A
20A
20°
S28AW
––
––
DPDT
(ON)
2-3 5-6
OFF
(ON)
2-1 5-4
15A
6A
20A
22°
S29AW
––
––
DPDT
ON
2-3 5-6
OFF
(ON)
2-1 5-4
15A
6A
20A
22°
Throw &
Schematics:
Keyway
DOUBLE POLE SOLDER LUG WITH PANEL SEAL *
DPST
DPDT
4
6
1
3
25
(COM)
6
4
INTERNAL
CONNECTION
3
1
Note: Terminal numbers are
actually on the switch
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com