Electronic Components Datasheet Search
  English  ▼

X  

R644 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R644
Description  PCB Accessories R600 Edge Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R644 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R644 Datasheet HTML 1Page - List of Unclassifed Manufacturers R644 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70
www.vectorelect.com
800-423-5659
Specification subject to change without notice
Part No.
R630
R636-1
R636-2
R644
R644-2
R644-3C
R644-3F
R656-1
R656-2
R680-1
R680-2
R681-2
R681-3
No. of
Contacts
30
72
72
44
44
44
44
56
56
80
80
100
100
Termination
Type
Solder Tail
Wire-Wrap
Solder Tail
Solder Tail
Wire-Wrap
Wire-Wrap
Wire-Wrap
Solder Tail
Wire-Wrap
Wire-Wrap
Solder Tail
Wire-Wrap
Solder Tail
Mounting
Ears
Center
Center
Flush
Flush
Center
Center
Flush
Flush
Center
Center
Center
Center
Center
Style
#
2
1
2
2
1
1
1
2
1
1
2
1
2
A
.156”
.100”
.100”
.156”
.100”
.156”
.156”
.125”
.125”
.125”
.125”
.125”
.125”
B
2.504”
3.707”
3.707”
3.596”
2.300”
3.596”
3.596”
3.625”
3.625”
5.125”
5.125”
6.375”
6.375”
C
2.65”
3.88”
3.88”
3.75”
2.55”
3.75”
3.75”
3.79”
3.79”
5.29”
5.29”
6.54”
6.54”
D
2.938”
4.175”
4.175”
4.032”
2.850”
4.032”
4.032”
4.045”
4.045”
5.545”
5.545”
6.795”
6.795”
E
3.270”
4.475”
4.475”
4.360”
3.120”
4.360”
4.360”
4.336”
4.325”
5.805”
5.805”
7.065”
7.065”
G
.200”
.200”
.200”
.200”
.200”
.200”
.200”
.200”
.250”
.250”
.200”
.250”
.200”
H
.47”
.62”
.47”
.47”
.62”
.62”
.62”
.47”
.62”
.62”
.62”
.47”
.47”
I
n/a
.55”
n/a
.25”
.55”
.55”
.55”
n/a
.55”
.55”
.55”
.55”
n/a
J
.25”
.25”
.25”
.25”
.25”
.25”
.25”
.25”
.25”
.25”
.25”
.25”
.25”
L
.25”
.65”
.25”
.25”
.65”
.65”
.65”
.25”
.22”
.65”
.65”
.22”
.25”
K
.34”
.34”
.34”
.265”
.297”
.384”
.384”
.34”
.34”
.34”
.34”
.34”
.34”
F
.41”
.41”
.41”
.41”
.41”
.41”
.41”
.41”
.41”
.41”
.41”
.41”
.41”
Ordering Information
PCB Accessories
Style 2
• Solder tail (with eyelet) R656-1 Solder
• Solder eyelet type
• Flush Mount
Flushmount
R600 Edge Connectors
R656-1
R636-2
R630
R681
R681-3
R644
R680-2
CATALOG 128_CATALOG 126.qxd 6/14/2013 3:11 PM Page 70



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com