Electronic Components Datasheet Search
  English  ▼

X  

3185 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3185
Description  SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3185 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3185 Datasheet HTML 1Page - Allegro MicroSystems 3185 Datasheet HTML 2Page - Allegro MicroSystems 3185 Datasheet HTML 3Page - Allegro MicroSystems 3185 Datasheet HTML 4Page - Allegro MicroSystems 3185 Datasheet HTML 5Page - Allegro MicroSystems 3185 Datasheet HTML 6Page - Allegro MicroSystems 3185 Datasheet HTML 7Page - Allegro MicroSystems 3185 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3141 THRU 3144
SENSITIVE
HALL-EFFECT SWITCHES
FOR HIGH-TEMP. OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
VCC
X
REG.
Dwg. FH-005-2
GROUND
OUTPUT
3
2
1
MAGNETIC CHARACTERISTICS in gauss over operating supply voltage range.
NOTES: Typical values are at TA = +25°C and VCC = 8 V.
BOP = operate point (output turns ON); BRP = release point (output turns OFF); Bhys = hysteresis (BOP - BRP).
1 gauss (G) is exactly equal to 0.1 millitesla (mT).
*Complete part number includes a suffix to identify operating temperature range (E- or L-) and package type ( -LT or -UA).
ELECTRICAL CHARACTERISTICS at V
CC
= 8 V over operating temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
4.5
—
24
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
—
175
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
—
<1.010
µA
Supply Current
ICC
B < BRP (Output OFF)
—
4.4
9.0mA
Output Rise Time
tr
RL = 820 Ω, CL = 20 pF
—
0.04
2.0
µs
Output Fall Time
tf
RL = 820 Ω, CL = 20 pF
—
0.18
2.0
µs
Part Numbers*
A3141–
A3142–
A3143–
A3144–
Characteristic
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
BOP at TA = 25°C
5010
0160 130180230 220280340
70 —
350
over operating temp. range
3010
0175
115
180245
20
5
280355
35
—
450
BRP at TA = 25°C
1045
130
75
125
175
165
225
285
50—
330
over operating temp. range
1045
145
60
125
190 150
225
30
0 25
—
430
Bhys at TA = 25°C
2055
80
3055
80 3055
80 2055
—
over operating temp. range
2055
80
3055
80 3055
80 2055
—
Copyright © 1993, 2002 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com