Electronic Components Datasheet Search
  English  ▼

X  

5350 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5350
Description  SMOKE DETECTOR WITH INTERCONNECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5350 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5350 Datasheet HTML 1Page - Allegro MicroSystems 5350 Datasheet HTML 2Page - Allegro MicroSystems 5350 Datasheet HTML 3Page - Allegro MicroSystems 5350 Datasheet HTML 4Page - Allegro MicroSystems 5350 Datasheet HTML 5Page - Allegro MicroSystems 5350 Datasheet HTML 6Page - Allegro MicroSystems 5350 Datasheet HTML 7Page - Allegro MicroSystems 5350 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5350
SMOKE DETECTOR
with INTERCONNECT
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
The A5350CA is a low-current CMOS circuit providing
all of the required features for an ionization-type smoke
detector.
Oscillator. An internal oscillator operates with a period of
1.67 seconds during no-smoke conditions. Every 1.67
seconds, internal power is applied to the entire circuit and
a check is made for smoke. Every 24 clock cycles (40
seconds), the LED is pulsed and a check is made for low
battery by comparing VDD to an internal reference.
Since very-low currents are used in the device, the
oscillator capacitor at pin 12 should be a low-leakage type
(PTFE, polystyrene, or polypropylene).
Detector Circuitry. An active guard is provided on both
pins adjacent to the detector input (pin 15). The voltage
at pins 14 and 16 will be within 100 mV of the input. This
will keep surface leakage currents to a minimum and
provide a method of measuring the input voltage without
loading the ionization chamber. The active guard ampli-
fier is not power strobed and thus provides constant
protection from surface leakage currents. The detector
input has internal diode protection against static damage.
Alarm Circuitry. If smoke is detected, the oscillator
period changes to 40 ms and the horn is enabled. The
horn output is typically 160 ms ON, 80 ms OFF. During
the OFF time, smoke is again checked and will inhibit
further alarm output if smoke is not sensed. During
smoke conditions the low battery alarm is inhibited and
the LED is driven at a 1 Hz rate.
Sensitivity Adjust. The detector sensitivity must be
externally adjusted to the individual characteristics of the
ionization chamber by connecting resistors between pin
13 and VDD, and between pin 13
and VSS.
Low Battery. The low battery threshold is set internally
by a voltage divider connected between VDD and VSS.
The threshold can be increased by connecting a resistor
between pin 3 and VDD. The threshold can be decreased
by connecting a resistor between pin 3 and VSS. The
battery voltage level is checked every 40 seconds during
the 10 mA, 10 ms LED pulse. If an LED is not used, it
should be replaced with an equivalent resistor (typically
500
Ω to 1000 Ω) such that the battery loading remains at
10 mA.
I/O. A connection is provided at pin 2 to allow multiple
smoke detectors to be commoned. If any single unit
detects smoke (I/O is driven high), all connected units will
sound their associated horns after a nominal 3 second
delay. The LED is suppressed when an alarm is signaled
from an interconnected unit.
Testing. On power up, all internal counters are reset.
Internal test circuitry allows for low battery check by
holding pins 8 and 12 low during power up, then reducing
V
DD and monitoring HORN1 (pin 10).
All functional tests
can be accelerated by driving pin 12 with a 2 kHz square
wave. The 10 ms strobe period must be maintained for
proper operation of the comparator circuitry.
CIRCUIT DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com