Electronic Components Datasheet Search
  English  ▼

X  

S1AL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S1AL
Description  Medium Capacity Standard Size Toggles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S1AL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S1AL Datasheet HTML 1Page - List of Unclassifed Manufacturers S1AL Datasheet HTML 2Page - List of Unclassifed Manufacturers S1AL Datasheet HTML 3Page - List of Unclassifed Manufacturers S1AL Datasheet HTML 4Page - List of Unclassifed Manufacturers S1AL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series S
Medium Capacity Standard Size Toggles
www.nkk.com
A101
A
S2AL
S6AL
Maximum
Panel Thickness:
.158” (4.0mm)
Maximum
Panel Thickness:
.158” (4.0mm)
S21AL does not have terminals 2 & 5
S1AL does not have terminal 2
(11.2)
.441
(12.2) Dia
.480
(11.2)
.441
(12.2) Dia
.480
(18.6)
.732
(12.0)
.472
(23.5)
.925
(25.7)
1.012
(5.7)
.224
(2.4) Dia Typ
.094
(10.7) Dia
.421
(4.8) Typ
.189
(7.5)
.295
Flat
(7.4) Dia
.291
(7.8) Dia
.307
(26.4)
1.039
(17.0)
.669
M12 P1
α
6
3
2
1
4
5
(31.2)
1.228
(0.8) Typ
.031
3
2
1
(30.0)
1.181
(18.0)
.709
(23.7)
.933
(2.4) Dia Typ
.094
(5.7)
.224
(4.8) Typ
.189
(0.8) Typ
.031
(12.0)
.472
(23.5)
.925
(10.7) Dia
.421
(7.5)
.295
(7.4) Dia
.291
(7.8) Dia
.307
(26.4)
1.039
(17.0)
.669
Flat
M12 P1
α
Notes: Standard Hardware: AT503M Face Hex Nut, AT508 Lockwasher, AT537 O-ring. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
SINGLE POLE SOLDER LUG WITH LOCKING LEVER & PANEL SEAL *
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S1AL
––
––
SPST
ON
1-3
NONE
OFF
—
15A
6A
20A
8A
24°
S2AL
––
––
SPDT
ON
2-3
NONE
ON
2-1
15A
6A
20A
8A
24°
S3AL
––
––
SPDT
ON
2-3
OFF
ON
2-1
15A
6A
20A
8A
28°
Throw &
Schematics:
SPST
Keyway
SPDT
3
1
INTERNAL
CONNECTION
2 (COM)
1
3
Note: Terminal numbers are
actually on the switch
R
C
R
US
Notes: Standard Hardware: AT503M Face Hex Nut, AT508 Lockwasher, AT537 O-ring. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
DOUBLE POLE SOLDER LUG WITH LOCKING LEVER & PANEL SEAL *
* UL & cULus recognized only when
ordered with marking on switch
(see General Specs)
Toggle Position/Connected Terminals
Electrical Capacity
Model
*Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S21AL
––
––
DPST
ON
1-3 4-6
NONE
OFF
—
15A
15A
15A
8A
22°
S6AL
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
20A
10A
20A
8A
22°
S7AL
––
––
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
20A
10A
20A
8A
28°
Throw &
Schematics:
DPST
Keyway
DPDT
4
6
1
3
25
(COM)
6
4
INTERNAL
CONNECTION
3
1
Note: Terminal numbers are
actually on the switch
R
C
R
US



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com