Electronic Components Datasheet Search
  English  ▼

X  

5355 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5355
Description  SMOKE DETECTOR WITH INTERCONNECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5355 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5355 Datasheet HTML 1Page - Allegro MicroSystems 5355 Datasheet HTML 2Page - Allegro MicroSystems 5355 Datasheet HTML 3Page - Allegro MicroSystems 5355 Datasheet HTML 4Page - Allegro MicroSystems 5355 Datasheet HTML 5Page - Allegro MicroSystems 5355 Datasheet HTML 6Page - Allegro MicroSystems 5355 Datasheet HTML 7Page - Allegro MicroSystems 5355 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMOKE DETECTOR
WITH INTERCONNECT
The A5355CA is a low-current, CMOS circuit providing all of the
required features for an ionization-type smoke detector. A networking
capability allows as many as 125 units to be interconnected so that if
any unit senses smoke, all units will sound an alarm. In addition,
special features are incorporated to facilitate alignment and test of the
finished smoke detector. This device is designed to comply with
Underwriters Laboratories Specification UL217.
The internal oscillator and timing circuitry keeps standby power to
a minimum by powering down the device for 1.66 seconds and sensing
smoke for only 10 ms. Every 24 on/off cycles, a check is made for low
battery condition. By substituting other types of sensors, or a switch
for the ionization detector, this very-low power device can be used in
numerous other battery-operated safety/security applications.
The A5355CA is supplied in a low-cost, 16-pin dual in-line plastic
package. It is rated for continuous operation over the temperature
range of 0
°C to +50°C.
FEATURES
s Interconnect Up to 125 Detectors
s Piezoelectric Horn Driver
s Guard Outputs for Detector Input
s Pulse Testing for Low Battery
s Power-ON Reset
s Internal Reverse Battery Protection
5355
Always order by complete part number: A5355CA .
ABSOLUTE MAXIMUM RATINGS
(Voltages are referenced to V
SS)
Supply Voltage Range,
V
DD
................................ -0.5 V to +15 V
Reverse Battery (10.5 V) ....................... 20 s
Input Voltage Range,
V
IN
........................ -0.3 V to V
DD
+ 0.3 V
Input Current, I
IN
............................... 10 mA
Operating Temperature Range,
T
A
..................................... 0
°C to +50°C
Storage Temperature Range,
T
S
............................... -55
°C to +125°C
CAUTION: CMOS devices have input static
protection but are susceptible to damage when
exposed to extremely high static electrical
charges.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOGIC
OSC. &
TIMING
HORN
DRIVER
GUARD
DETECT. IN
GUARD
SENSITIVITY
SET
OSC. CAP.
HORN
HORN
– SUPPLY
NO CONNECT.
I / O
LOW-V SET
NO CONNECT.
LED
+ SUPPLY
TIMING RES.
FEEDBACK
1
V DD
Dwg. PC-004-1
2
2
1
V SS
NC
NC


Similar Part No. - 5355

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
535500 FESTO-535500 Datasheet
81Kb / 2P
Swing clamp cylinder
535501 FESTO-535501 Datasheet
81Kb / 2P
Swing clamp cylinder
535502 FESTO-535502 Datasheet
80Kb / 2P
Swing clamp cylinder
535503 FESTO-535503 Datasheet
80Kb / 2P
Swing clamp cylinder
535504 FESTO-535504 Datasheet
81Kb / 2P
Swing clamp cylinder
More results

Similar Description - 5355

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT
5354 ALLEGRO-5354 Datasheet
77Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT
5364 ALLEGRO-5364 Datasheet
156Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
M75012 ETC2-M75012 Datasheet
166Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
M75018 ETC2-M75018 Datasheet
192Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
Ionization Smoke Detector with Interconnect
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com