Electronic Components Datasheet Search
  English  ▼

X  

5364 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 5364
Description  SMOKE DETECTOR WITH INTERCONNECT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5364 Datasheet(HTML) 2 Page - Allegro MicroSystems

  5364 Datasheet HTML 1Page - Allegro MicroSystems 5364 Datasheet HTML 2Page - Allegro MicroSystems 5364 Datasheet HTML 3Page - Allegro MicroSystems 5364 Datasheet HTML 4Page - Allegro MicroSystems 5364 Datasheet HTML 5Page - Allegro MicroSystems 5364 Datasheet HTML 6Page - Allegro MicroSystems 5364 Datasheet HTML 7Page - Allegro MicroSystems 5364 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5364
SMOKE DETECTOR
WITH
INTERCONNECT
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM AND TYPICAL APPLICATION
Copyright © 1998, 1999 Allegro MicroSystems, Inc.
9 V
LOW-V
SET
– SUPPLY
+ SUPPLY
I / O
TIMING RES.
FEEDBACK
DETECT.
IN
12
OSC. CAP.
NO
CONNECTION
4
POWER-ON
RESET
OSCILLATOR
& TIMING
LOGIC
SENSITIVITY
SET
+
–
GUARD
GUARD
HORN 1
HORN
2
LED
NO
CONNECTION
+V
+V
V
DD
1
2
3
5
8
11
10
7
12
6
13
9
14
15
16
V
DD
V
SS
Dwg. FC-001-4
+
+V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com