Electronic Components Datasheet Search
  English  ▼

X  

5713 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5713
Description  DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5713 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5713 Datasheet HTML 1Page - Allegro MicroSystems 5713 Datasheet HTML 2Page - Allegro MicroSystems 5713 Datasheet HTML 3Page - Allegro MicroSystems 5713 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5713
DUAL PERIPHERAL AND POWER DRIVER
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
This “mini-DlP” dual peripheral and power driver is a bipolar
monolithic integrated circuit incorporating NOR logic gates, high-
current switching transistors, and transient suppression diodes on the
same chip. The two output transistors are capable of simultaneously
sinking 300 mA continuously at ambient temperatures of up to +70
°C.
In the OFF state, this driver will withstand at least 80 V.
The UDN5713M dual driver is ideally suited for interface between
low-level or high-level logic and high-current/high-voltage loads.
Typical applications include driving peripheral loads such as incandes-
cent lamps, light-emitting diodes, memories, and heaters with a load
current of up to 600 mA.
The integral transient suppression diodes allow the use of these
drivers with inductive loads such as relays, solenoids, or stepping
motors without the need for discrete diodes. Similar devices with four
drivers per package are the 5703 and 5706.
FEATURES
s DTL/TTL/PMOS/CMOS Compatible Inputs
s Low Input Current
s 300 mA Continuous Output Current
s Stand-off Voltage of 80 V
Dwg. No. A-9789
DUAL PERIPHERAL AND POWER DRIVER
— TRANSIENT PROTECTED OUTPUTS
5713
Always order by complete part number, e.g.,
UDN5713M .
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC . . . . . . . . . . . . . . 7.0 V
Input Voltage, VIN . . . . . . . . . . . . . . . . . 30 V
Output Off-State Voltage,
VOFF . . . . . . . . . . . . . . . . . . . . . . . . 80 V
Output On-State Sink Current,
ION . . . . . . . . . . . . . . . . . . . . . . 600 mA
Suppression Diode Off-State Voltage,
VOFF . . . . . . . . . . . . . . . . . . . . . . . . 80 V
Suppression Diode On-State Current,
ION . . . . . . . . . . . . . . . . . . . . . . 600 mA
Power Dissipation at TA = 25°C, PD
Package . . . . . . . . . . . . . . . . . . . 1.5 W*
Each Driver . . . . . . . . . . . . . . . . . 0.8 W
Operating Free-Air Temperature Range,
TA . . . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . . -55°C to +150°C
*Derate at the rate of 12.5 mW/
°C above
TA = 25°C.


Similar Part No. - 5713

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5713 BITECH-5713 Datasheet
120Kb / 4P
3 Diameter Single Turn Wirewound Precision Potentiometer
5713 BITECH-5713 Datasheet
121Kb / 4P
Precision Potentiometer
logo
Bourns Electronic Solut...
5713-RC BOURNS-5713-RC Datasheet
474Kb / 1P
High Current Toroid Inductors
logo
Molex Electronics Ltd.
57130 MOLEX-57130 Datasheet
48Kb / 3P
Sealing Cap Attachment Tool
Jun 24, 2025
57130-6000 MOLEX-57130-6000 Datasheet
216Kb / 2P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
More results

Similar Description - 5713

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
5706 ALLEGRO-5706 Datasheet
90Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVER .TRANSIENT-PROTECTED OUTPUTS
logo
Microsemi Corporation
SG55451B MICROSEMI-SG55451B Datasheet
35Kb / 3P
DUAL PERIPHERAL POSITIVE-AND DRIVER
logo
Allegro MicroSystems
UDN5741M ALLEGRO-UDN5741M Datasheet
435Kb / 6P
DUAL PERIPHERAL POWER DRIVERS TRANSIENT PROTECTED OUTPUTS
logo
Microsemi Corporation
SG75474 MICROSEMI-SG75474 Datasheet
39Kb / 3P
DUAL PERIPHERAL POSITIVE NOR DRIVER
logo
List of Unclassifed Man...
UDN5703 ETC1-UDN5703 Datasheet
336Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVERS-TRANSIENT-PROTECTED OUTPUTS
logo
Rochester Electronics
DS1634J-8 ROCHESTER-DS1634J-8 Datasheet
609Kb / 1P
FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
DUAL PERIPHERAL DRIVER
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
DUAL PERIPHERAL DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com