Electronic Components Datasheet Search
  English  ▼

X  

UDN5713 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # UDN5713
Description  DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN5713 Datasheet(HTML) 4 Page - Allegro MicroSystems

  UDN5713 Datasheet HTML 1Page - Allegro MicroSystems UDN5713 Datasheet HTML 2Page - Allegro MicroSystems UDN5713 Datasheet HTML 3Page - Allegro MicroSystems UDN5713 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5713
DUAL PERIPHERAL AND POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Dimensions in Millimeters
(Based on 1” = 25.4 mm)
Dimensions in Inches
0.014
0.008
0.300
BSC
Dwg. MA-001-8A in
0.430
MAX
4
0.100
BSC
5
8
1
0.022
0.014
0.400
0.355
0.005
MIN
0.150
0.115
0.280
0.240
0.210
MAX
0.070
0.045
0.015
MIN
0.355
0.204
7.62
BSC
Dwg. MA-001-8A mm
10.92
MAX
4
10.16
9.02
2.54
BSC
0.13
MIN
3.81
2.93
5
8
1
7.11
6.10
5.33
MAX
1.77
1.15
0.39
MIN
0.558
0.356
NOTES: 1. Lead thickness is measured at seating plane or below.
2. Lead spacing tolerance is non-cumulative.
3. Exact body and lead configuration at vendor’s option
within limits shown.
Allegro MicroSystems, Inc. reserves the right to make, from time to time,
such departures from the detail specifications as may be required to permit
improvements in the design of its products.
The information included herein is believed to be accurate and reliable.
However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor
for any infringements of patents or other rights of third parties which may result
from its use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com