Electronic Components Datasheet Search
  English  ▼

X  

OP200GPZ Datasheet(PDF) 14 Page - Analog Devices

Part # OP200GPZ
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200GPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button OP200GPZ Datasheet HTML 8Page - Analog Devices OP200GPZ Datasheet HTML 9Page - Analog Devices OP200GPZ Datasheet HTML 10Page - Analog Devices OP200GPZ Datasheet HTML 11Page - Analog Devices OP200GPZ Datasheet HTML 12Page - Analog Devices OP200GPZ Datasheet HTML 13Page - Analog Devices OP200GPZ Datasheet HTML 14Page - Analog Devices OP200GPZ Datasheet HTML 15Page - Analog Devices OP200GPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP200
Data Sheet
Rev. E | Page 14 of 16
PROGRAMMABLE HIGH RESOLUTION WINDOW
COMPARATOR
The programmable window comparator shown in Figure 35 is
easily capable of 12-bit accuracy over the full military temperature
range. A dual CMOS 12-bit DAC, the DAC8221, is used in the
voltage switching mode to set the upper and lower thresholds
(DAC A and DAC B, respectively).
DAC A
1/2
DAC8221
DAC DATA BUS
PIN 6 (MSB) TO PIN 17 (LSB)
1/2
OP200AZ
1/2
OP200AZ
VREF A
VDD
VREF B
IOUT A
IOUT B
3
5
4
1
8
7
2
21
2
24
4
22
DGND
18
19
20
10V
REFERENCE
VOLTAGE
VIN
15V
6
DAC B
1/2
DAC8221
DAC
CONTROL
SIGNALS
DAC A/DAC B
CS
WR
5
AGND
1
R2
10kΩ
R1
10kΩ
D1
1N4148
D1
1N4148
Q1
2N2222
R4
10kΩ
R2
10kΩ
TTL OUT
5V
15V–
Figure 35. Programmable High Resolution Window Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com