Electronic Components Datasheet Search
  English  ▼

X  

OP200GSZ Datasheet(PDF) 16 Page - Analog Devices

Part # OP200GSZ
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200GSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button OP200GSZ Datasheet HTML 8Page - Analog Devices OP200GSZ Datasheet HTML 9Page - Analog Devices OP200GSZ Datasheet HTML 10Page - Analog Devices OP200GSZ Datasheet HTML 11Page - Analog Devices OP200GSZ Datasheet HTML 12Page - Analog Devices OP200GSZ Datasheet HTML 13Page - Analog Devices OP200GSZ Datasheet HTML 14Page - Analog Devices OP200GSZ Datasheet HTML 15Page - Analog Devices OP200GSZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
OP200
Data Sheet
Rev. E | Page 16 of 16
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
16
9
8
1
1.27 (0.0500)
BSC
Figure 38. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-16)
S-Suffix
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
TA = 25°C VOS Max (μV)
Temperature Range
Package Description
Package Option
OP200AZ
75
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP200EZ
75
−40°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
OP200GPZ
200
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
OP200GS
200
−40°C to +85°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP200GSZ
200
−40°C to +85°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP200GSZ-REEL
200
−40°C to +85°C
16-Lead SOIC_W
S-Suffix (RW-16)
1 Z = RoHS Compliant Part.
©1978–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00322-0-9/12(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com