Electronic Components Datasheet Search
  English  ▼

X  

AD767KP Datasheet(PDF) 5 Page - Analog Devices

Part # AD767KP
Description  Microprocessor-Compatible 12-Bit D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD767KP Datasheet(HTML) 5 Page - Analog Devices

  AD767KP Datasheet HTML 1Page - Analog Devices AD767KP Datasheet HTML 2Page - Analog Devices AD767KP Datasheet HTML 3Page - Analog Devices AD767KP Datasheet HTML 4Page - Analog Devices AD767KP Datasheet HTML 5Page - Analog Devices AD767KP Datasheet HTML 6Page - Analog Devices AD767KP Datasheet HTML 7Page - Analog Devices AD767KP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD767
REV. A
–5–
BIPOLAR CONFIGURATION (Figure 3)
This configuration will provide a bipolar output voltage from
–5.000 to +4.9976 volts, with positive full scale occurring with
all bits ON (all 1s).
STEP I … OFFSET ADJUST
Turn OFF all bits. Adjust 100
Ω trimmer R1 to give –5.000
volts output.
STEP II … GAIN ADJUST
Turn ON all bits. Adjust 100
Ω gain trimmer R2 to give a
reading of +4.9976 volts.
STEP III … BIPOLAR ZERO ADJUST (Optional)
In applications where an accurate zero output is required, set
the MSB ON, all other bits OFF, and readjust R1 for zero volts
output.
Figure 3.
±5 V Bipolar Voltage Output
INTERNAL/EXTERNAL REFERENCE USE
The AD767 has an internal low-noise buried Zener diode
reference which is trimmed for absolute accuracy and tempera-
ture coefficient. This reference is buffered and optimized for use
in a high-speed DAC and will give long-term stability equal or
superior to the best discrete Zener reference diodes. The per-
formance of the AD767 is specified with the internal reference
driving the DAC since all trimming and testing (especially for
full-scale error and bipolar offset) is done in this configuration.
The internal reference has sufficient buffering to drive external
circuitry in addition to the reference currents required for the
DAC (typically 0.5 mA to Ref In and 1.0 mA to Bipolar Offset).
A minimum of 0.1 mA is available for driving external loads.
The AD767 reference output should be buffered with an
external op amp if it is required to supply more than 0.1 mA
output current. The reference is typically trimmed to
±0.2%,
then tested and guaranteed to
±1.0% max error. The
temperature coefficient is comparable to that of the full-scale
TC for a particular grade.
If an external reference is used (10.000 V, for example),
additional trim range must be provided, since the internal
reference has a tolerance of
±1%, and the AD767 full-scale and
bipolar offset are both trimmed with the internal reference. The
gain and offset trim resistors give about
±0.25% adjustment
range, which is sufficient for the AD767 when used with the
internal reference.
It is also possible to use external references other than 10 volts.
The recommended range of reference voltage is from +8 to
+10.5 volts, which allows both 8.192 V and 10.24 V ranges to
be used. The AD767 is optimized for fixed-reference applications.
If the reference voltage is expected to vary over a wide range in
a particular application, a CMOS multiplying DAC is a better
choice.
Reduced values of reference voltage will also permit the
±12 volt
±5% power supply requirement to be relaxed to ±12 volts
±10%.
It is not recommended that the AD767 be used with external
feedback resistors to modify the scale factor. The internal
resistors are trimmed to ratio-match and temperature-track the
other resistors on the chip, even though their absolute tolerances
are
±20%, and absolute temperature coefficients are approximately
–50 ppm/
°C. If external resistors are used, a wide trim range
(
±20%) will be needed and temperature drift will be increased
to reflect the mismatch between the temperature coefficients of
the internal and external resistors.
Small resistors may be added to the feedback resistors in order
to accomplish small modifications in the scaling. For example, if
a 10.24 V full scale is desired, a 140
Ω 1% low-TC metal-film
resistor can be added in series with the internal (nominal) 5k
feedback resistor, and the gain trim potentiometer (between
Pins 6 and 7) should be increased to 200
Ω. In the bipolar
mode, increase the value of the bipolar offset trim potentiometer
also to 200
Ω.
Figure 4. Using the AD767 with the AD588 High Precision Reference



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com