Electronic Components Datasheet Search
  English  ▼

X  

5821AND Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 5821AND
Description  BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5821AND Datasheet(HTML) 8 Page - Allegro MicroSystems

  5821AND Datasheet HTML 1Page - Allegro MicroSystems 5821AND Datasheet HTML 2Page - Allegro MicroSystems 5821AND Datasheet HTML 3Page - Allegro MicroSystems 5821AND Datasheet HTML 4Page - Allegro MicroSystems 5821AND Datasheet HTML 5Page - Allegro MicroSystems 5821AND Datasheet HTML 6Page - Allegro MicroSystems 5821AND Datasheet HTML 7Page - Allegro MicroSystems 5821AND Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5821 AND 5822
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
POWER
INTERFACE DRIVERS
Function
Output Ratings*
Part Number†
SERIAL-INPUT LATCHED DRIVERS
8-Bit (saturated drivers)
-120 mA
50 V‡
5895
8-Bit
350 mA
50 V5821
8-Bit
350 mA
80 V5822
8-Bit
350 mA
50 V‡
5841
8-Bit
350 mA
80 V‡
5842
8-Bit (constant-current LED driver)
75 mA
17 V6275
8-Bit (DMOS drivers)
250 mA
50 V6595
8-Bit (DMOS drivers)
350 mA
50 V‡
6A595
8-Bit (DMOS drivers)
100 mA
50 V6B595
10-Bit (active pull-downs)
-25 mA
60 V5810-F and 6809/10
12-Bit (active pull-downs)
-25 mA
60 V5811 and 6811
16-Bit (constant-current LED driver)
75 mA
17 V6276
20-Bit (active pull-downs)
-25 mA
60 V5812-F and 6812
32-Bit (active pull-downs)
-25 mA
60 V5818-F and 6818
32-Bit
100 mA
30 V5833
32-Bit (saturated drivers)
100 mA
40 V5832
PARALLEL-INPUT LATCHED DRIVERS
4-Bit
350 mA
50 V‡
5800
8-Bit
-25 mA
60 V5815
8-Bit
350 mA
50 V‡
5801
8-Bit (DMOS drivers)
100 mA
50 V6B273
8-Bit (DMOS drivers)
250 mA
50 V6273
SPECIAL-PURPOSE DEVICES
Unipolar Stepper Motor Translator/Driver
1.25 A
50 V‡
5804
Addressable 8-Bit Decoder/DMOS Driver
250 mA
50 V6259
Addressable 8-Bit Decoder/DMOS Driver
350 mA
50 V‡
6A259
Addressable 8-Bit Decoder/DMOS Driver
100 mA
50 V6B259
Addressable 28-Line Decoder/Driver
450 mA
30 V6817
*
Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits.
Negative current is defined as coming out of (sourcing) the output.
†
Complete part number includes additional characters to indicate operating temperature range and package style.
‡
Internal transient-suppression diodes included for inductive-load protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com