Electronic Components Datasheet Search
  English  ▼

X  

TPS62085 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62085
Description  3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62085 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62085 Datasheet HTML 1Page - Texas Instruments TPS62085 Datasheet HTML 2Page - Texas Instruments TPS62085 Datasheet HTML 3Page - Texas Instruments TPS62085 Datasheet HTML 4Page - Texas Instruments TPS62085 Datasheet HTML 5Page - Texas Instruments TPS62085 Datasheet HTML 6Page - Texas Instruments TPS62085 Datasheet HTML 7Page - Texas Instruments TPS62085 Datasheet HTML 8Page - Texas Instruments TPS62085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS62085
TPS62086
TPS62087
SLVSB70 – OCTOBER 2013
www.ti.com
ORDERING INFORMATION
PART NUMBER(1)
OUTPUT VOLTAGE
PACKAGE MARKING
PACKAGE
TPS62085RLT
Adjustable
PD5Q
TPS62086RLT
3.3 V
PD4Q
7-Pin QFN
TPS62087RLT
1.8 V
PD3Q
(1)
For detailed ordering information please check the PACKAGE OPTION ADDENDUM section at the end of this datasheet.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Voltage Range at Pins(2)
VIN, FB, VOS, EN, PG
–0.3
7
V
SW
-0.3
VIN + 0.3
ESD Rating
Human Body Model, HBM
2
kV
Charged Device Model, CDM
500
V
Temperature Range
Operating Junction, TJ
–40
150
°C
Storage, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
THERMAL INFORMATION
THERMAL METRIC(1)
TPS62085/6/7
UNITS
θJA
Junction-to-ambient thermal resistance
107.8
θJCtop
Junction-to-case (top) thermal resistance
66.2
θJB
Junction-to-board thermal resistance
17.1
°C/W
ψJT
Junction-to-top characterization parameter
2.1
ψJB
Junction-to-board characterization parameter
17.1
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.5
6.0
V
ISINK_PG Sink current at PG pin
1.0
mA
VPG
Pull-up resistor voltage
6.0
V
TJ
Operating junction temperature
-40
125
°C
(1)
Refer to the APPLICATION INFORMATION section for further information.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS62085 TPS62086 TPS62087



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com