| Electronic Components Datasheet Search |
|
400FB Datasheet(PDF) 39 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
400FB Datasheet(HTML) 39 Page - Numonyx B.V |
|
39 / 67 page ![]() M29FxxxFT, M29FxxxFB DC and AC Parameters 39/67 7 DC and AC Parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the Measurement Conditions shown here. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 12. Operating and AC Measurement Conditions Figure 18. AC Measurement I/O Waveform Figure 19. AC Measurement Load Circuit Parameter Min Max Unit VCC Supply Voltage 4.5 5.5 V Ambient Operating Temperature –40 125 °C Load Capacitance (CL) 3030pF Input Rise and Fall Times — 5 ns Input Pulse Voltages 0 to VCC 0 to VCC V Input and Output Timing Ref. Voltages VCC/2 VCC/2 V AI04498 VCC 0V VCC/2 AI04499 CL CL includes JIG capacitance DEVICE UNDER TEST 25k Ω VCC 25k Ω VCC 0.1µF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |