Electronic Components Datasheet Search
  English  ▼

X  

5832 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5832
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5832 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5832 Datasheet HTML 1Page - Allegro MicroSystems 5832 Datasheet HTML 2Page - Allegro MicroSystems 5832 Datasheet HTML 3Page - Allegro MicroSystems 5832 Datasheet HTML 4Page - Allegro MicroSystems 5832 Datasheet HTML 5Page - Allegro MicroSystems 5832 Datasheet HTML 6Page - Allegro MicroSystems 5832 Datasheet HTML 7Page - Allegro MicroSystems 5832 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5832
BiMOS II 32-BIT
SERIAL-INPUT,
LATCHED DRIVERS
5832
Always order by complete part number:
Part Number
Package
UCN5832A
40-Pin DIP
UCN5832EP
44-Lead PLCC
Intended originally to drive thermal printheads, the UCN5832A
and UCN5832EP have been optimized for low output-saturation
voltage, high-speed operation, and pin configurations most convenient
for the tight space requirements of high-resolution printheads. These
integrated circuits can also be used to drive multiplexed LED displays
or incandescent lamps at up to 150 mA peak current. The combination
of bipolar and MOS technologies gives BiMOS II arrays an interface
flexibility beyond the reach of standard buffers and power driver
circuits.
The devices each have 32 bipolar NPN open-collector saturated
drivers, a CMOS data latch for each of the drivers, two 16-bit CMOS
shift registers, and CMOS control circuitry. The high-speed CMOS
shift registers and latches allow operation with most microprocessor
based systems. Use of these drivers with TTL may require input
pull-up resistors to ensure an input logic high. MOS serial data
outputs permit cascading for interface applications requiring additional
drive lines.
The UCN5832A is supplied in a 40-pin dual in-line plastic package
with 0.600" (15.24 mm) row spacing. Under normal operating condi-
tions, this device will allow all outputs to sustain 100 mA continuously
without derating. The UCN5832EP is supplied in a 44-lead plastic
leaded chip carrier for minimum area, surface-mount applications.
Both devices are also available for operation from -40
°C to +85°C.
To order, change the prefix from ‘UCN’ to ‘UCQ’.
Similar 32-bit serial-input latched source drivers are available as
the UCN5818AF/EPF. Other high-voltage, high-current 8-bit devices
are available as the UCN5821A, UCN5841A/LW, and UCN5842A.
FEATURES
s To 3.3 MHz Data Input Rate
s Low-Power CMOS Logic and Latches
s 40 V Current Sink Outputs
s Low Saturation Voltage
s Automotive Capable
BiMOS II 32-BIT SERIAL-INPUT,
LATCHED DRIVERS
UCN5832A
VDD
SERIAL
DATA IN
GROUND
STROBE
OUT
OUT
OUT
OUT
OUT
OUT
1
2
3
4
5
6
OUT
7
OUT
8
OUT
9
OUT
10
OUT
11
OUT
12
OUT
13
OUT
14
OUT
18
OUT
19
OUT
20
OUT
21
OUT
22
OUT
23
OUT
24
OUT
25
OUT
26
OUT
27
OUT
28
OUT
29
OUT
30
OUT
31
OUT
32
OUTPUT
ENABLE
CLOCK
SERIAL
DATA OUT
INTERNAL
CONNECTION
LOGIC
SUPPLY
40
39
38
37
34
35
36
31
32
33
30
22
29
28
27
26
25
24
23
21
1
2
3
4
7
6
5
10
9
8
11
12
12
14
15
16
17
18
19
20
OUT
15
OUT
16
OUT
17
Dwg. No. A-12,377A
ABSOLUTE MAXIMUM RATINGS
at +25
°C Free-Air Temperature
Output Voltage, VOUT ...................... 40 V
Logic Supply Voltage, VDD ................ 15 V
Input Voltage Range,
VIN ................... -0.3 V to VDD + 0.3 V
Continuous Output Current,
lOUT .................................. 150 mA
Package Power Dissipation,
PD ................................ See Graph
Operating Temperature Range,
TA ........................... -20°C to +85°C
Storage Temperature Range,
TS .......................... -55°C to +150°C
Caution: CMOS devices have input-static
protection but are susceptible to damage when
exposed to extremely high static electrical charges.


Similar Part No. - 5832

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58325-1 MACOM-58325-1 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
Littelfuse
58326-06 LITTELFUSE-58326-06 Datasheet
403Kb / 2P
COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
58328 LITTELFUSE-58328 Datasheet
252Kb / 1P
58328 SERIES ROCKER SWITCHES
2019 Rev: 021119
More results

Similar Description - 5832

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5833 ALLEGRO-5833 Datasheet
153Kb / 8P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVER
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
A5833 ALLEGRO-A5833 Datasheet
296Kb / 9P
BiMOS II 32-Bit Serial Input Latched Driver
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com