Electronic Components Datasheet Search
  English  ▼

X  

THUNDER Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # THUNDER
Description  Interface Base Board for TAO-3530 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

THUNDER Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  THUNDER Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +886-2-8227-3585
E-mail: sales@technexion.com
Web:
http://www.technexion.com
Thunder
Interface Base Board
for TAO-3530 Series
Make TAO-3530 mobile by using the onboard
battery interface.
Connect a 4.3” LCD Flatpanel display with
touchscreen interface.
Create your own multimedia application by
using the SD cardreader, audio, speakers and
HDMI/DVI interface.
System
System on module
Compatible with TAO-3530 by two
100 pin NAIS connectors (
B1, B2)
Interfaces
Connectors
2 mini-USB hosts (
13)
1 mini-USB device/ OTG (
12)
LAN connector (
14) by SMSC 9500
SD card slot (
17)
stereo audio in/out, 3.5 mm (
5, 6)
2W amplified speaker (
7, 8)
battery interface (
9)
TTL LCD & touchpanel for 4.3” LCD
DVI-D signal by HDMI connector(
11)
Expansion header
SPI, RS-232, UART, I2C, GPIO (
1)
Power
Input power
5VDC
Environmental and Mechanical
Temperature
Commercial: 0° to 50° C
Humidity
10-90%
Dimensions
105 x 74 mm
4⅛ x 2⅞ inch
Weight
42 grams
Shock
50G / 25ms
Vibration
20G / 0-600 Hz
Dimensions
units in mm
Order Information
Thunder
Base board for TAO series
Development kits available
11
12
13
13
14
17
B1
B2
6
7
5
1
8
9
10
105
95
M2


Similar Description - THUNDER

ManufacturerPart #DatasheetDescription
logo
Epson Company
S7U4E002A01 EPSON-S7U4E002A01 Datasheet
157Kb / 2P
Micro USB Interface Board for S7U4E002 series
logo
rfsolutions.ltd
INTRO RFSOLUTIONS-INTRO Datasheet
694Kb / 4P
Universal RFID base board with RS232 and optional USB interface.
logo
AAEON Technology
GENE-1350 AAEON-GENE-1350 Datasheet
340Kb / 2P
RISC CPU Board With TI OMAP 3503/3530 Processor
GENE-1350W2 AAEON-GENE-1350W2 Datasheet
314Kb / 1P
RISC CPU Board With TI OMAP 3503/3530 Processors
logo
List of Unclassifed Man...
BLIZZARD ETC2-BLIZZARD Datasheet
1Mb / 1P
Interface Base Board for TDM-3730 Series
INFERNO ETC2-INFERNO Datasheet
742Kb / 1P
Interface Base Board for TAO-3530 Series
THB-3517 ETC2-THB-3517 Datasheet
2Mb / 2P
Interface Base Board for TAM-3517 Series
TSUNAMI ETC2-TSUNAMI Datasheet
1Mb / 1P
Interface Base Board for TAO-3530 Series
TWISTER ETC2-TWISTER Datasheet
1Mb / 1P
Interface Base Board for TAM-3517 Series
logo
Panasonic Semiconductor
ET-MDNHM10 PANASONIC-ET-MDNHM10 Datasheet
183Kb / 1P
Interface Board for HDMI 2 input
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com