Electronic Components Datasheet Search
  English  ▼

X  

TPS65233 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65233
Description  LNB VOLTAGE REGULATOR WITH I2C INTERFACE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65233 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65233 Datasheet HTML 17Page - Texas Instruments TPS65233 Datasheet HTML 18Page - Texas Instruments TPS65233 Datasheet HTML 19Page - Texas Instruments TPS65233 Datasheet HTML 20Page - Texas Instruments TPS65233 Datasheet HTML 21Page - Texas Instruments TPS65233 Datasheet HTML 22Page - Texas Instruments TPS65233 Datasheet HTML 23Page - Texas Instruments TPS65233 Datasheet HTML 24Page - Texas Instruments TPS65233 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
N: Not Acknowledge
A: Acknowledge
S: Start
P: Stop
Sr: Repeated Start
System Host
Chip
S
7-Bit Slave Address
0 A
Register1 Address
A Sr
1
7-Bit Slave Address
A
Data Byte
N P
TPS65233
www.ti.com
SLVSC22A – AUGUST 2013 – REVISED SEPTEMBER 2013
Figure 55. I2C Read Data Format
Register Description
Register descriptions are shown below tables.
Table 2. Control Register 1
DEFAULT
NO. OF BITS
ACCESS
NAME
DESCRIPTION
VALUE
Control Register
Bit 8
1: I2C control enabled;
address: 0x00H
Bit 7
R/W
I2C_CON
0
0: I2C control disabled
Bit 6
R/W
0
reserved
Tone Gate. Allows either the internal or external
22-kHz tone signals to be gated.
Bit 5
R/W
TGATE
0
1: Tone Gate on,
0: Tone gate off
Tone mode. Select between the use of an
external 22-kHz or internal 22-kHz signal.
Bit 4
R/W
TMODE
0
1: internal;
0: external
LNB output voltage Enable
Bit 3
R/W
EN
1
1: output enabled;
0: output disabled
Bit 2
R/W
VSEL2
0
Bit 1
R/W
VSEL1
0
See Table 3 for output voltage selection
Bit 0
R/W
VSEL0
0
Table 3. Voltage Selection Bits
VSEL2
VSEL1
VSEL0
LNB(V)
0
0
0
13
0
0
1
13.4
0
1
0
13.8
0
1
1
14.2
1
0
0
18
1
0
1
18.6
1
1
0
19.2
1
1
1
19.8
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS65233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com