Electronic Components Datasheet Search
  English  ▼

X  

5890 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 5890
Description  BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5890 Datasheet(HTML) 5 Page - Allegro MicroSystems

  5890 Datasheet HTML 1Page - Allegro MicroSystems 5890 Datasheet HTML 2Page - Allegro MicroSystems 5890 Datasheet HTML 3Page - Allegro MicroSystems 5890 Datasheet HTML 4Page - Allegro MicroSystems 5890 Datasheet HTML 5Page - Allegro MicroSystems 5890 Datasheet HTML 6Page - Allegro MicroSystems 5890 Datasheet HTML 7Page - Allegro MicroSystems 5890 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5890 AND 5891
8-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVERS
www.allegromicro.com
TYPICAL APPLICATION
SOLENOID OR RELAY DRIVER
OUTPUT ENABLE
8
7
6
3
2
1
5
4
OE
DD
V
SHIFT
REGISTER
BB
V
LATCHES
DATA OUT
(ACTIVE LOW)
+5V
+48V
16
15
14
11
10
9
13
12
CLOCK
DATA IN
STROBE
UCN5890A
Dwg. No. A-12,548
The products described here are manufactured under one or more
U.S. patents or U.S. patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to
time, such departures from the detail specifications as may be
required to permit improvements in the performance, reliability, or
manufacturability of its products. Before placing an order, the user is
cautioned to verify that the information being relied upon is current.
Allegro products are not authorized for use as critical components
in life-support devices or systems without express written approval.
The information included herein is believed to be accurate and
reliable. However, Allegro MicroSystems, Inc. assumes no responsi-
bility for its use; nor for any infringement of patents or other rights of
third parties which may result from its use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com