Electronic Components Datasheet Search
  English  ▼

X  

NSSW100D Datasheet(PDF) 9 Page - Marl International Limited

Part # NSSW100D
Description  WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

NSSW100D Datasheet(HTML) 9 Page - Marl International Limited

Back Button NSSW100D Datasheet HTML 5Page - Marl International Limited NSSW100D Datasheet HTML 6Page - Marl International Limited NSSW100D Datasheet HTML 7Page - Marl International Limited NSSW100D Datasheet HTML 8Page - Marl International Limited NSSW100D Datasheet HTML 9Page - Marl International Limited NSSW100D Datasheet HTML 10Page - Marl International Limited NSSW100D Datasheet HTML 11Page - Marl International Limited NSSW100D Datasheet HTML 12Page - Marl International Limited NSSW100D Datasheet HTML 13Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
Ta=25°C
Ta=25°C
Ta=25°C
IFP=5mA
IFP=20mA
IFP=60mA
IFP=20mA
5.0
4.2
3.8
3.0
2.6
2.2
3.4
4.6
2.5
3.0
3.5
4.0
5.0
5.5
4.5
020
60 80 100
40
-40 -20
200
50
20
10
5
1
110
5
4
2
1
0
3
2.0
1.0
0.5
0.2
0
204060
100 120
80
020
60 80 100
40
-40 -20
200
110
50
20
10
35
1
5
10
20
100
50
60
80
100
40
020
50
30
20
0
10
40
35
CHARACTERISTICS
Model
NSSW100D
NICHIA CORPORATION Title
No.
070709768561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com