Electronic Components Datasheet Search
  English  ▼

X  

ADS8405IPFBT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8405IPFBT
Description  16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8405IPFBT Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS8405IPFBT Datasheet HTML 12Page - Texas Instruments ADS8405IPFBT Datasheet HTML 13Page - Texas Instruments ADS8405IPFBT Datasheet HTML 14Page - Texas Instruments ADS8405IPFBT Datasheet HTML 15Page - Texas Instruments ADS8405IPFBT Datasheet HTML 16Page - Texas Instruments ADS8405IPFBT Datasheet HTML 17Page - Texas Instruments ADS8405IPFBT Datasheet HTML 18Page - Texas Instruments ADS8405IPFBT Datasheet HTML 19Page - Texas Instruments ADS8405IPFBT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
TA − Free-Air Temperature − 5C
27.8
28
28.2
28.4
28.6
28.8
29
29.2
−40 −25 −10
5
20
35
50
65
80
+VA = 5 V,
+VBD = 3.3 V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−40 −25 −10
5
20
35
50
65
80
TA − Free-Air Temperature − 5C
+VA = 5 V,
+VBD = 3.3 V,
Ext Ref = 4.096 V
TA − Free-Air Temperature − 5C
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
−40 −25 −10
5
20
35
50
65
80
Max
Min
+VA = 5 V,
+VBD = 3.3 V,
Ext Ref = 4.096 V
−1.5
−1
−0.5
0
0.5
1
1.5
−40 −25
−10
5
20
35
50
65
80
TA − Free-Air Temperature − 5C
Max
Min
+VA = 5 V,
+VBD = 3.3 V,
Ext Ref = 4.096 V
VREF − Reference Voltage − V
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
Max
Min
+VA = 5 V,
+VBD = 3.3 V,
Ext Ref = Varied
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
Max
Min
VREF − Reference Voltage − V
+VA = 5 V,
+VBD = 3.3 V,
Ext Ref = Varied
ADS8405
SLAS427 – DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
OFFSET ERROR
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 22.
Figure 23.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 24.
Figure 25.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 26.
Figure 27.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com