Electronic Components Datasheet Search
  English  ▼

X  

HFC0310GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # HFC0310GS
Description  Fixed-Frequency Flyback Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HFC0310GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button HFC0310GS Datasheet HTML 9Page - Monolithic Power Systems HFC0310GS Datasheet HTML 10Page - Monolithic Power Systems HFC0310GS Datasheet HTML 11Page - Monolithic Power Systems HFC0310GS Datasheet HTML 12Page - Monolithic Power Systems HFC0310GS Datasheet HTML 13Page - Monolithic Power Systems HFC0310GS Datasheet HTML 14Page - Monolithic Power Systems HFC0310GS Datasheet HTML 15Page - Monolithic Power Systems HFC0310GS Datasheet HTML 16Page - Monolithic Power Systems HFC0310GS Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
HFC0310 –FIXED-FREQUENCY FLYBACK CONTROLLER
HFC0310 Rev. 1.01
www.MonolithicPower.com
13
6/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
In order to avoid turning off the MOSFET by mis-
triggered spikes shortly after the switch turns on,
the IC implements a 350ns leading-edge
blanking period. During blanking time, any trigger
signal on the source pin is blocked. Figure 5
shows the primary-current–sense waveform and
the leading-edge blanking.
Figure 5: Leading-Edge Blanking
Design Example
The following is a design example using the
application guidelines for the given specifications:
VIN
85V to 420V
VOUT1
12V
VOUT2
8V
VOUT3
8V
fSW
100kHz
The detailed application schematic is shown in
Figure 6. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
possible applications of this device, please refer
to the related Evaluation Board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com