Electronic Components Datasheet Search
  English  ▼

X  

6259 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 6259
Description  8-BIT ADDRESSABLE DMOS POWER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6259 Datasheet(HTML) 2 Page - Allegro MicroSystems

  6259 Datasheet HTML 1Page - Allegro MicroSystems 6259 Datasheet HTML 2Page - Allegro MicroSystems 6259 Datasheet HTML 3Page - Allegro MicroSystems 6259 Datasheet HTML 4Page - Allegro MicroSystems 6259 Datasheet HTML 5Page - Allegro MicroSystems 6259 Datasheet HTML 6Page - Allegro MicroSystems 6259 Datasheet HTML 7Page - Allegro MicroSystems 6259 Datasheet HTML 8Page - Allegro MicroSystems 6259 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6259
8-BIT ADDRESSABLE
DMOS POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2000, Allegro MicroSystems, Inc.
FUNCTION TABLE
Inputs
Addressed
Other
CLEAR ENABLE DATA
OUTPUT
OUTPUTs
Function
HL
H
L
R
Addressable
HL
L
H
R
Latch
H
H
X
R
R
Memory
LL
H
L
H
8-Line
LL
L
H
H
Demultiplexer
L
H
X
H
H
Clear
L = Low Logic Level
H = High Logic Level
X = Irrelevant
R = Previous State
LATCH SELECTION TABLE
Select Inputs
Addressed
S2 (MSB)S1 S0 (LSB)
OUTPUT
LLL
0
LL
H
1
LH
L
2
LH
H
3
HL
L
4
HL
H
5
HH
L
6
HHH
7
LOGIC SYMBOL
G8
Z9
9,0D
10,0R
4
5
6
7
14
15
16
17
8
12
18
13
Dwg. FP-046
0
2
3
19
Z10
8M 0/7
9,1D
10,1R
9,2D
10,2R
9,3D
10,3R
9,4D
10,4R
9,5D
10,5R
9,6D
10,6R
9,7D
10,7R
DMOS POWER DRIVER OUTPUT
LOGIC INPUTS
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GS-004A
SUFFIX
'LW',
R
=
70
°C/W
θJA
SU
FF
IX
'A
', R
=
5
5°C
/W
θJA
Dwg. EP-063
OUT
IN
Dwg. EP-010-15
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com