Electronic Components Datasheet Search
  English  ▼

X  

AD8116-EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD8116-EB
Description  200 MHz, 16  16 Buffered Video Crosspoint Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8116-EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8116-EB Datasheet HTML 9Page - Analog Devices AD8116-EB Datasheet HTML 10Page - Analog Devices AD8116-EB Datasheet HTML 11Page - Analog Devices AD8116-EB Datasheet HTML 12Page - Analog Devices AD8116-EB Datasheet HTML 13Page - Analog Devices AD8116-EB Datasheet HTML 14Page - Analog Devices AD8116-EB Datasheet HTML 15Page - Analog Devices AD8116-EB Datasheet HTML 16Page - Analog Devices AD8116-EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD8116
–12–
REV. B
Using additional crosspoint devices in the design can lower the
number of outputs that have to be wire-ORed together. Figure
26 shows a block diagram of a system using ten AD8116s to
create a nonblocking 128
× 16 crosspoint that restricts the wire-
ORing at the output to only four outputs. This will prevent an
enabled output from having to drive a large number of disabled
devices. Additionally, by using the lower eight outputs from
each of the two Rank 2 AD8116s, a blocking 128
× 32 crosspoint
array can be realized.
There are, however, some drawbacks to this technique. The
offset voltages of the various cascaded devices will accumulate
and the bandwidth limitations of the devices will compound. In
addition, the extra devices will consume more current and take
up more board space. Once again, the overall system design
specifications will determine how to make the various trade-offs.
IN
OUT
AD8116
IN
OUT
AD8116
16
0–15
IN
AD8116
IN
OUT
AD8116
16
16–31
16
16
OUT 16–31
0–15
16–31
IN
IN
OUT 0–15
OUT
Figure 6. 32
× 32 Crosspoint Array Using Four AD8116s
IN
OUT
AD8116
IN
OUT
AD8116
IN
AD8116
16
0–15
IN
OUT
AD8116
IN
AD8116
IN
AD8116
16
16–31
IN
AD8116
IN
AD8116
IN
AD8116
16
32–47
16
16
16
OUT 0–15
OUT 16–31
OUT 32–47
IN
IN
IN
OUT
OUT
OUT
OUT
OUT
OUT
Figure 7. 48
× 48 Crosspoint Array Using Nine AD8116s
Creating Larger Crosspoint Arrays
The AD8116 is a high density building block for crosspoint
arrays over 256
× 256. Various features such as output disable,
chip enable, serial data out and multiple pinouts for logic signals
are very useful for the creation of these larger arrays.
The first consideration in constructing a larger crosspoint is to
determine the minimum number of devices that are required.
The 16
× 16 architecture of the AD8116 contains 256 “points,”
which is a factor of four greater than an 8
× 8 crosspoint and a
factor of 64 greater than a 4
× 1 crosspoint. The PC board area
and power consumption savings are readily apparent when
compared to using these smaller devices.
For a nonblocking crosspoint, the number of points required is
the product of the number of inputs multiplied by the number
of outputs. Nonblocking requires that the programming of a
given input to one or more outputs does not restrict the avail-
ability of that input to be a source for any other outputs.
Thus a 32
× 32 crosspoint will require 1024 points. This number is
then divided by 256, or the number of points in one AD8116
device, to yield four in this case. This says that the minimum
number of 16
× 16 devices required for a fully programmable
32
× 32 crosspoint is four.
Some nonblocking crosspoint architectures will require more
than this minimum as calculated above. Also, there are blocking
architectures that can be constructed with fewer devices than this
minimum. These systems have connectivity available on a statis-
tical basis that is determined when designing the overall system.
The basic concept in constructing larger crosspoint arrays is to
connect inputs in parallel in a horizontal direction and to “wire-
OR” the outputs together in the vertical direction. The meaning
of horizontal and vertical can best be understood by looking at a
diagram. Figure 6 illustrates this concept for a 32
× 32 crosspoint
array. A 48
× 48 crosspoint is illustrated in Figure 7.
The 32
× 32 crosspoint requires each input driver drive two inputs
in parallel and each output be wire-ORed with one other output.
The 48
× 48 crosspoint requires driving three inputs in parallel and
having the outputs wire-ORed in groups of three. It is required of
the system programming that only one output of a wired-OR node
be active at a time.
It is not essential that crosspoint architectures be square. For
example, a 64
× 16 crosspoint array can be constructed with
four AD8116s by driving each input with a separate signal
and wire-ORing together the corresponding outputs of each
device. It can be seen, however, that by going to larger arrays
the number of disabled outputs an active output has to drive
starts to increase.
At some point, the number of outputs that are wire-ORed becomes
too great to maintain system performance. This will vary according
to which system specifications are most important. For example, a
128
× 16 crosspoint can be created with eight AD8116s. This
design will have 128 separate inputs and have the corresponding
outputs of each device wire-ORed together in groups of eight.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com