Electronic Components Datasheet Search
  English  ▼

X  

MP155 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP155
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP155 Datasheet HTML 11Page - Monolithic Power Systems MP155 Datasheet HTML 12Page - Monolithic Power Systems MP155 Datasheet HTML 13Page - Monolithic Power Systems MP155 Datasheet HTML 14Page - Monolithic Power Systems MP155 Datasheet HTML 15Page - Monolithic Power Systems MP155 Datasheet HTML 16Page - Monolithic Power Systems MP155 Datasheet HTML 17Page - Monolithic Power Systems MP155 Datasheet HTML 18Page - Monolithic Power Systems MP155 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP155 – ENERGY EFFICIENT OFF-LINE REGULATOR
MP155 Rev. 1.12
www.MonolithicPower.com
15
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Layout Guide
PCB layout is very important to achieve reliable
operation,
and
good
EMI
and
thermal
performance. Follow these guidelines to optimize
performance.
1) Minimize the loop area formed by the input
capacitor,
IC
part,
freewheeling
diode,
inductor and output capacitor.
2) Place the power inductor far away from the
input filter.
3) Add a capacitor in the several-hundred pF
range between pin FB and source as close to
the IC as possible.
4) Connect the exposed pad with the Drain pin
to a large copper area to improve thermal
performance.
Top
Bottom Layer
Design Example
Below is a design example following the
application
guidelines
given
the
following
specifications:
Table 4: Design Example
VIN
85 to 265Vac
VOUT
12V
IOUT
200mA
Figure 11 shows the detailed application
schematic.
The
Typical
Performance
Characteristics section lists typical performance
and
circuit
waveforms.
For
more
device
application, please refer to the related Evaluation
Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com