Electronic Components Datasheet Search
  English  ▼

X  

AD9224ARS Datasheet(PDF) 15 Page - Analog Devices

Part # AD9224ARS
Description  Complete 12-Bit, 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9224ARS Datasheet HTML 11Page - Analog Devices AD9224ARS Datasheet HTML 12Page - Analog Devices AD9224ARS Datasheet HTML 13Page - Analog Devices AD9224ARS Datasheet HTML 14Page - Analog Devices AD9224ARS Datasheet HTML 15Page - Analog Devices AD9224ARS Datasheet HTML 16Page - Analog Devices AD9224ARS Datasheet HTML 17Page - Analog Devices AD9224ARS Datasheet HTML 18Page - Analog Devices AD9224ARS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9224
–15–
REV. A
The driver circuit shown in Figure 23 is optimized for dc cou-
pling applications requiring optimum distortion performance.
This differential op amp driver circuit is configured to convert
and level shift a 2 V p-p single-ended, ground referenced signal
to a 4 V p-p differential signal centered at the VREF level of the
ADC. The circuit is based on two op amps that are configured
as matched unity gain difference amplifiers. The single-ended
input signal is applied to opposing inputs of the difference am-
plifiers, thus providing differential drive. The common-mode
offset voltage is applied to the noninverting resistor leg of each
difference amplifier providing the required offset voltage. The
common-mode offset can be varied over a wide span without
any serious degradation in distortion performance as shown in
Figure 25a, thus providing some flexibility in improving output
compression distortion from some
±5 V op amps with limited
positive voltage swing.
To protect the AD9224 from an undervoltage fault condition
from op amps specified for
±5 V operation, two diodes to AGND
can be inserted between each op amp output and the AD9224
inputs. The AD9224 will inherently be protected against any
overvoltage condition if the op amps share the same positive
power supply (i.e., AVDD) as the AD9224. Note, the gain
accuracy and common-mode rejection of each difference ampli-
fier in this driver circuit can be enhanced by using a matched thin-
film resistor network (i.e., Ohmtek ORNA5000F) for the op
amps. The AD9224’s small signal bandwidth is 120 MHz, hence
any noise falling within the baseband bandwidth of the AD9224
will degrade its overall noise performance.
The noise performance of each unity gain differential driver
circuit is limited by its inherent noise gain of two. For unity gain
op amps ONLY, the noise gain can be reduced from two to one
beyond the input signal’s passband by adding a shunt capacitor,
CF, across each op amp’s feedback resistor. This will essentially
establish a low-pass filter, which reduces the noise gain to one
beyond the filter’s f–3 dB while simultaneously bandlimiting the
input signal to f–3 dB. Note, the pole established by this filter
can also be used as the real pole of an antialiasing filter.
Figure 24 shows the schematic of the suggested transformer
circuit. The circuit uses a Minicircuits RF transformer, model
T4-1T, which has an impedance ratio of four (turns ratio of 2).
The schematic assumes that the signal source has a 50
Ω source
impedance. The 1:4 impedance ratio requires the 200
Ω sec-
ondary termination for optimum power transfer and VSWR.
The center tap of the transformer provides a convenient
means of level shifting the input signal to a desired common-
mode voltage.
VINA
VINB
AD9224
200
49.9
RS
33
CML
MINICIRCUITS
T4-1T
0.1 F
RS
33
Figure 24. Transformer Coupled Input
This (Figure 24) configuration was used to gather all of the
differential data on the Specifications pages.
Transformers with other turns ratios may also be selected to
optimize the performance of a given application. For example, a
given input signal source or amplifier may realize an improve-
ment in distortion performance at reduced output power levels
and signal swings. For example, selecting a transformer with a
higher impedance ratio (e.g., Minicircuits T16-6T with a 1:16
impedance ratio) effectively “steps up” the signal level thus
further reducing the driving requirements of signal source.
Referring to Figure 24, a series resistor, RS, was inserted between
the AD9224 and the secondary of the transformer. The value of
33
Ω was selected to specifically optimize both the THD and
SNR performance of the A/D. RS and the internal capacitance
help provide a low-pass filter to block high frequency noise.
The AD9224 can be easily configured for either a 2 V p-p input
span or 4.0 V p-p input span by setting the internal reference
(see Table II). Other input spans can be realized with two exter-
nal gain setting resistors as shown in Figure 28 of this data
sheet. Figure 25a demonstrates the AD9224’s high degree of
linearity and THD over a wide range of common-mode
voltages.
COMMON-MODE VOLTAGE – V
84
82
72
80
78
76
0.5
4
1
2
2.5
3
4.5
fIN = 10MHz
fIN = 20MHz
74
Figure 25a. THD vs. Common-Mode Voltage (AIN = 2 V
Differential)
COMMON-MODE VOLTAGE – V
10
–30
–120
–40
–50
–60
0
8
17.25 26.5
35.7
45E6 54.25
82
0
–10
–20
–70
–80
–90
–100
–110
63.5 72.75
FUND
2ND
3RD
5TH
9TH
6TH
7TH
8TH
Figure 25b. Frequency Domain Plot FIN = 5 MHz, FS =
40 MHz (AIN = 2 V Differential)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com