Electronic Components Datasheet Search
  English  ▼

X  

MP1482 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1482
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1482 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1482 Datasheet HTML 1Page - Monolithic Power Systems MP1482 Datasheet HTML 2Page - Monolithic Power Systems MP1482 Datasheet HTML 3Page - Monolithic Power Systems MP1482 Datasheet HTML 4Page - Monolithic Power Systems MP1482 Datasheet HTML 5Page - Monolithic Power Systems MP1482 Datasheet HTML 6Page - Monolithic Power Systems MP1482 Datasheet HTML 7Page - Monolithic Power Systems MP1482 Datasheet HTML 8Page - Monolithic Power Systems MP1482 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP1482 – 2A, 18V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1482 Rev. 1.31
www.MonolithicPower.com
3
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Shutdown Supply Current
VEN = 0V
1
3.0
μA
Supply Current
VEN = 2.0V; VFB = 1.0V
1.3
1.5
mA
Feedback Voltage
VFB
4.75V
 VIN  18V
0.900
0.923
0.946
V
Feedback Overvoltage Threshold
1.1
V
Error Amplifier Voltage Gain
(5)
AEA
400
V/V
Error Amplifier Transconductance
GEA
IC = 10μA
800
μA/V
High-Side Switch On Resistance
(5)
RDS(ON)1
130
mΩ
Low-Side Switch On Resistance
(5)
RDS(ON)2
130
mΩ
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
10
μA
Upper Switch Current Limit
Minimum Duty Cycle
2.4
3.4
A
Lower Switch Current Limit
From Drain to Source
1.1
A
COMP to Current Sense
Transconductance
GCS
3.5
A/V
Oscillation Frequency
Fosc1
305
340
375
kHz
Short Circuit Oscillation Frequency
Fosc2
VFB = 0V
100
kHz
Maximum Duty Cycle
DMAX
VFB = 1.0V
90
%
Minimum On Time
(5)
220
ns
EN Shutdown Threshold Voltage
VEN Rising
1.1
1.5
2.0
V
EN Shutdown Threshold Voltage
Hysteresis
210
mV
EN Lockout Threshold Voltage
2.2
2.5
2.7
V
EN Lockout Hysterisis
210
mV
Input Under Voltage Lockout
Threshold
VIN Rising
3.80
4.10
4.40
V
Input Under Voltage Lockout
Threshold Hysteresis
210
mV
Soft-Start Current
VSS = 0V
6
μA
Soft-Start Period
CSS = 0.1μF
15
ms
Thermal Shutdown
(5)
160
°C
Note:
5) Guaranteed by design, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com