Electronic Components Datasheet Search
  English  ▼

X  

MP1492 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP1492
Description  2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1492 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP1492 Datasheet HTML 10Page - Monolithic Power Systems MP1492 Datasheet HTML 11Page - Monolithic Power Systems MP1492 Datasheet HTML 12Page - Monolithic Power Systems MP1492 Datasheet HTML 13Page - Monolithic Power Systems MP1492 Datasheet HTML 14Page - Monolithic Power Systems MP1492 Datasheet HTML 15Page - Monolithic Power Systems MP1492 Datasheet HTML 16Page - Monolithic Power Systems MP1492 Datasheet HTML 17Page - Monolithic Power Systems MP1492 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MP1492 – 2A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1492 Rev. 1.1
www.MonolithicPower.com
17
3/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
MP1492
1
5
8
6
7
Cdc
10nF
3
4
2
BYP
EN
FB
SW
BST
FREQ
IN
Figure 13—Typical Application Schematic with Low ESR Ceramic Capacitor
and DC Blocking Capacitor.
Layout Recommendation
1) Put the input capacitors as close as possible
to the IN pin.
2) Put the decoupling capacitor as close as
possible to the VCC pin.
3) Put the inductor as close as possible to SW
pin. Make the SW pad as large as possible
to minimize the switching noise interference.
4) The FB pin is directly connected to the PWM
comparator. It should be routed away from
the noisy SW node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com